Electronic Components Datasheet Search
  English  ▼

X  

S25FL128SDSMFVR Datasheet (PDF) - Cypress Semiconductor

S25FL128SDSMFVR Datasheet PDF - Cypress Semiconductor
Part # S25FL128SDSMFVR
Download  S25FL128SDSMFVR Download
File Size   4647.62 Kbytes
Page   149 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)

S25FL128SDSMFVR Datasheet (PDF)

Go To PDF Page Download Datasheet
S25FL128SDSMFVR Datasheet PDF - Cypress Semiconductor

Part # S25FL128SDSMFVR
Download  S25FL128SDSMFVR Click to download

File Size   4647.62 Kbytes
Page   149 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)

S25FL128SDSMFVR Datasheet (HTML) - Cypress Semiconductor


S25FL128SDSMFVR Product details

Features
 CMOS 3.0 Volt Core with Versatile I/O
 Serial Peripheral Interface (SPI) with Multi-I/O
– SPI Clock polarity and phase modes 0 and 3
– Double Data Rate (DDR) option
– Extended Addressing: 24- or 32-bit address options
– Serial Command set and footprint compatible with S25FL-A, S25FL-K, and S25FL-P SPI families
– Multi I/O Command set and footprint compatible with S25FL-P SPI family
 READ Commands
– Normal, Fast, Dual, Quad, Fast DDR, Dual DDR, Quad DDR
– AutoBoot - power up or reset and execute a Normal or Quad read command automatically at a preselected address
– Common Flash Interface (CFI) data for configuration information.
 Programming (1.5 Mbytes/s)
– 256 or 512 Byte Page Programming buffer options
– Quad-Input Page Programming (QPP) for slow clock systems
– Automatic ECC -internal hardware Error Correction Code generation with single bit error correction
 Erase (0.5 to 0.65 Mbytes/s)
– Hybrid sector size option - physical set of thirty two 4-kbyte sectors at top or bottom of address space with all remaining sectors of 64 kbytes, for compatibility with prior generation S25FL devices
– Uniform sector option - always erase 256-kbyte blocks for software compatibility with higher density and future devices.
 Cycling Endurance
– 100,000 Program-Erase Cycles, minimum
 Data Retention
– 20 Year Data Retention, minimum
 Security features
– One Time Program (OTP) array of 1024 bytes
– Block Protection:
– Status Register bits to control protection against program or erase of a contiguous range of sectors.
– Hardware and software control options
– Advanced Sector Protection (ASP)
– Individual sector protection controlled by boot code or password
 Cypress® 65 nm MirrorBit® Technology with Eclipse™ Architecture
 Core Supply Voltage: 2.7V to 3.6V
 I/O Supply Voltage: 1.65V to 3.6V
– SO16 and FBGA packages
 Temperature Range / Grade:
– Industrial (-40°C to +85°C)
– Industrial Plus (-40°C to +105°C)
– Automotive AEC-Q100 Grade 3 (-40°C to +85°C)
– Automotive AEC-Q100 Grade 2 (-40°C to +105°C)
– Automotive AEC-Q100 Grade 1 (-40°C to +125°C)
 Packages (all Pb-free)
– 16-lead SOIC (300 mil)
–WSON 6 x 8 mm
– BGA-24 6 x 8 mm
– 5 x 5 ball (FAB024) and 4 x 6 ball (FAC024) footprint options




Similar Part No. - S25FL128SDSMFVR

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL128SDPBFI003 SPANSION-S25FL128SDPBFI003 Datasheet
5Mb / 153P
MirrorBit Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128SDPBFIG10 SPANSION-S25FL128SDPBFIG10 Datasheet
5Mb / 153P
MirrorBit Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128SDPBHIG11 SPANSION-S25FL128SDPBHIG11 Datasheet
5Mb / 153P
MirrorBit Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128SDPBHVH03 SPANSION-S25FL128SDPBHVH03 Datasheet
5Mb / 153P
MirrorBit Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
S25FL128SDPMFI000 SPANSION-S25FL128SDPMFI000 Datasheet
5Mb / 153P
MirrorBit Flash Non-Volatile Memory CMOS 3.0 Volt Core with Versatile I/O Serial Peripheral Interface with Multi-I/O
More results


Similar Description - S25FL128SDSMFVR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
S25FL127S CYPRESS-S25FL127S Datasheet
2Mb / 142P
128-Mbit (16 Mbyte) 3.0 V SPI Flash Memory
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com