Electronic Components Datasheet Search
  English  ▼

X  

MAX3237ECDB Datasheet (PDF) - Texas Instruments

MAX3237ECDB Datasheet PDF - Texas Instruments
Part # MAX3237ECDB
Download  MAX3237ECDB Download
File Size   462.35 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER

MAX3237ECDB Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3237ECDB Datasheet PDF - Texas Instruments

Part # MAX3237ECDB
Download  MAX3237ECDB Click to download

File Size   462.35 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER

MAX3237ECDB Datasheet (HTML) - Texas Instruments


MAX3237ECDB Product details

FEATURES
• Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
• Operates With 3-V to 5.5-V VCC Supply
• Operates From 250 kbits/s to 1 Mbit/s
• Low Standby Current . . . 1 mA Typical
• External Capacitors . . . 4 × 0.1 mF
• Accepts 5-V Logic Input With 3.3-V Supply
• Designed to Be Interchangeable With Maxim
MAX3237E
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection for RS-232 I/O Pins
– ±15 kV – Human-Body Model (HBM)
– ±8 kV – IEC61000-4-2, Contact Discharge
– ±15 kV – IEC61000-4-2, Air-Gap Discharge

APPLICATIONS
• Battery-Powered, Hand-Held, and Portable
Equipment
• PDAs and Palmtop PCs
• Notebooks, Sub-Notebooks, and Laptops
• Digital Cameras
• Mobile Phones and Wireless Devices

DESCRIPTION
The MAX3237E consists of five line drivers, three line receivers, and a dual charge-pump circuit with ±15-kV
ESD protection pin to pin (serial-port connection pins, including GND). The device meets the requirements of
TIA/EIA-232-F and provides the electrical interface between an asynchronous communication controller and the
serial-port connector. The charge pump and four small external capacitors allow operation from a single 3-V to
5.5-V supply. This device operates at data signaling rates of 250 kbit/s in normal operating mode
(MBAUD = GND) and 1Mbit/s when MBAUD = VCC. The driver output slew rate is a maximum of 30 V/ms.
The MAX3237E transmitters are disabled and the outputs are forced into high-impedance state when the device
is in shutdown mode (SHDN = GND) and the supply current falls to less than 1 mA. Also, during shutdown, the
onboard charge pump is disabled; V+ is lowered to VCC, and V– is raised toward GND. Receiver outputs also
can be placed in the high-impedance state by setting enable (EN) high. ROUT1B remains active all the time,
regardless of the EN and SHDN condition.
The MAX3237EC is characterized for operation from 0°C to 70°C. The MAX3237EI is characterized for operation
from –40°C to 85°C.




Similar Part No. - MAX3237ECDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3237ECDB TI-MAX3237ECDB Datasheet
233Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
MAX3237ECDBG4 TI-MAX3237ECDBG4 Datasheet
233Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
MAX3237ECDBR TI-MAX3237ECDBR Datasheet
233Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
MAX3237ECDBRG4 TI-MAX3237ECDBRG4 Datasheet
233Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
More results


Similar Description - MAX3237ECDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3238 TI-MAX3238 Datasheet
237Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3243 TI-MAX3243 Datasheet
160Kb / 11P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3222 TI-MAX3222 Datasheet
270Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3237E TI-MAX3237E Datasheet
233Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
SN65C3223 TI-SN65C3223_06 Datasheet
281Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRS3237E TI-TRS3237E Datasheet
404Kb / 17P
3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
MAX3237E TI-MAX3237E_08 Datasheet
392Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
SN65C3238 TI-SN65C3238_08 Datasheet
491Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRS3237E TI-TRS3237E_1 Datasheet
411Kb / 17P
3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com