Electronic Components Datasheet Search
  English  ▼

X  

MAX213 Datasheet (PDF) - Texas Instruments

MAX213 Datasheet PDF - Texas Instruments
Part # MAX213
Download  MAX213 Download
File Size   432.89 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV ESD PROTECTION

MAX213 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX213 Datasheet PDF - Texas Instruments

Part # MAX213
Download  MAX213 Click to download

File Size   432.89 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV ESD PROTECTION

MAX213 Datasheet (HTML) - Texas Instruments


MAX213 Product details

FEATURES
· ESD Protection for RS-232 Bus Pins
– ±15-kV Human-Body Model (HBM)
· Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
· Operates at 5-V VCC Supply
· Four Drivers and Five Receivers
· Operates up to 120 kbit/s
· Low Supply Current in Shutdown
Mode . . . 15 mA Typ
· External Capacitors . . . 4 ´ 0.1 F
· Designed to Be Interchangeable With Maxim
MAX213
· Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II

APPLICATIONS
· Battery-Powered Systems
· PDAs
· Notebooks
· Laptops
· Palmtop PCs
· Hand-Held Equipment

DESCRIPTION/ ORDER INFORMATION
The MAX213 device consists of four line drivers, five line receivers, and a dual charge-pump circuit with ±15-kV
ESD protection pin to pin (serial-port connection pins, including GND). The device meets the requirements of
TIA/EIA-232-F and provides the electrical interface between an asynchronous communication controller and the
serial-port connector. The charge pump and four small external capacitors allow operation from a single 5-V
supply. The devices operate at data signaling rates up to 120 kbit/s and a maximum of 30-V/ms driver output
slew rate.
The MAX213 has an active-low shutdown (SHDN) and an active-high enable control (EN). In shutdown mode,
the charge pumps are turned off, V+ is pulled down to VCC, V– is pulled to GND, and the transmitter outputs are
disabled. This reduces supply current typically to 1 mA. Two receivers of the MAX213 are active during
shutdown.




Similar Part No. - MAX213

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX213 MAXIM-MAX213 Datasheet
580Kb / 20P
5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX213 MAXIM-MAX213 Datasheet
184Kb / 8P
Broadband, Two-Output, Low-Noise Amplifier for TV Tuner Applications
19-1806; Rev 1; 8/03
MAX213 MAXIM-MAX213 Datasheet
395Kb / 36P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Texas Instruments
MAX213 TI-MAX213 Datasheet
224Kb / 14P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX213 MAXIM-MAX213 Datasheet
2Mb / 23P
5V, RS-232 Transceivers with 0.1關F External Capacitors
Rev 7; 12/05
More results


Similar Description - MAX213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX208 TI-MAX208 Datasheet
287Kb / 14P
5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX211 TI-MAX211 Datasheet
294Kb / 16P
5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX208 TI-MAX208_06 Datasheet
270Kb / 15P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX211 TI-MAX211_06 Datasheet
289Kb / 17P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX213 TI-MAX213 Datasheet
224Kb / 14P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX222 TI-MAX222 Datasheet
346Kb / 15P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS211 TI-TRS211 Datasheet
244Kb / 17P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com