Electronic Components Datasheet Search
  English  ▼

X  

LMV393-Q1 Datasheet (PDF) - Texas Instruments

LMV393-Q1 Datasheet PDF - Texas Instruments
Part # LMV393-Q1
Download  LMV393-Q1 Download
File Size   551.39 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS

LMV393-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV393-Q1 Datasheet PDF - Texas Instruments

Part # LMV393-Q1
Download  LMV393-Q1 Click to download

File Size   551.39 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS

LMV393-Q1 Datasheet (HTML) - Texas Instruments


LMV393-Q1 Product details

1FEATURES
• Qualified for Automotive Applications
• 2.7-V and 5-V Performance
• Low Supply Current
– LMV331 . . . 60 μA Typ
– LMV393 . . . 100 μA Typ
• Input Common-Mode Voltage Range Includes
Ground
• Low Output Saturation Voltage . . . 200 mV Typ
• Open-Collector Output for Maximum Flexibility

DESCRIPTION/ORDERING INFORMATION
The LMV393-Q1 device is a low-voltage (2.7 V to 5.5 V) version of the dual and quad comparators, LM393 and
LM339, which operate from 5 V to 30 V. The LMV331-Q1 is the single-comparator version.
The LMV331-Q1 and LMV393-Q1 are the most cost-effective solutions for applications where low-voltage
operation, low power, space saving, and price are the primary specifications in circuit design for portable
consumer products. These devices offer specifications that meet or exceed the familiar LM339 and LM393
devices at a fraction of the supply current.




Similar Part No. - LMV393-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV393-Q1 TI-LMV393-Q1 Datasheet
297Kb / 12P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV393-Q1DUAL TI-LMV393-Q1DUAL Datasheet
764Kb / 14P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
More results


Similar Description - LMV393-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV331 NSC-LMV331 Datasheet
480Kb / 21P
General Purpose, Low Voltage, TinyPack Comparators
logo
Texas Instruments
LMV331 TI-LMV331_11 Datasheet
1Mb / 29P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI-LMV331-Q1 Datasheet
297Kb / 12P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331_11 Datasheet
610Kb / 17P
General-purpose low voltage comparators
12-Dec-2011
logo
Texas Instruments
LMV339IPWRG4 TI-LMV339IPWRG4 Datasheet
1Mb / 30P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV393QDR TI-LMV393QDR Datasheet
764Kb / 14P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI1-LMV331_14 Datasheet
1Mb / 31P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331-Q1 TI1-LMV331-Q1_14 Datasheet
779Kb / 15P
GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
LMV331 TI1-LMV331_15 Datasheet
1Mb / 39P
Quad General-purpose Low-voltage Comparators
LMV331-N TI1-LMV331-N_15 Datasheet
1Mb / 38P
General-Purpose, Low-Voltage, Tiny Pack Comparators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com