Electronic Components Datasheet Search
  English  ▼

X  

LMR62014 Datasheet (PDF) - Texas Instruments

LMR62014 Datasheet PDF - Texas Instruments
Part # LMR62014
Download  LMR62014 Download
File Size   692.75 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMR62014 SIMPLE SWITCHER® 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23

LMR62014 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMR62014 Datasheet PDF - Texas Instruments

Part # LMR62014
Download  LMR62014 Click to download

File Size   692.75 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMR62014 SIMPLE SWITCHER® 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23

LMR62014 Datasheet (HTML) - Texas Instruments


LMR62014 Product details

1FEATURES
23• Input Voltage Range of 2.7V to 14V
• Output Voltage up to 20V
• Switch Current up to 1.4A
• 1.6 MHz Switching Frequency
• Low Shutdown Iq, <1 μA
• Cycle-by-Cycle Current Limiting
• Internally Compensated
• 5-Pin SOT-23 Packaging (2.92 x 2.84 x 1.08mm)
• Fully Enabled for WEBENCH® Power Designer

PERFORMANCE BENEFITS
• Extremely Easy to Use
• Tiny Overall Solution Reduces System Cost

APPLICATIONS
• Boost Conversions from 3.3V, 5V, and 12V
Rails
• Space Constrained Applications
• Embedded Systems
• LCD Displays
• LED Applications

DESCRIPTION
The LMR62014 switching regulator is a current-mode
boost converter operating at fixed frequency of
1.6 MHz.
The use of SOT-23 package, made possible by the
minimal power loss of the internal 1.4A switch, and
use of small inductors and capacitors result in the
industry's highest power density. The LMR62014 is
capable of greater than 90% duty cycle, making it
ideal for boosting to voltages up to 20V.
These parts have a logic-level shutdown pin that can
be used to reduce quiescent current and extend
battery life.
Protection is provided through cycle-by-cycle current
limiting and thermal shutdown. Internal compensation
simplifies design and reduces component count.




Similar Part No. - LMR62014

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMR62014 NSC-LMR62014 Datasheet
396Kb / 14P
SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR62014 TI1-LMR62014 Datasheet
366Kb / 12P
SIMPLE SWITCHER짰 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014 Datasheet
1Mb / 12P
Application Note 2183 LMR62014/LMR64010 Demo Board
LMR62014 TI-LMR62014 Datasheet
1Mb / 22P
Input Voltage Range of 2.7V to 14V, Output Voltage up to 20V
LMR62014 TI-LMR62014 Datasheet
993Kb / 22P
LMR62014 SIMPLE SWITCHER 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
More results


Similar Description - LMR62014

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMR62014 NSC-LMR62014 Datasheet
396Kb / 14P
SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR62014XMFX TI-LMR62014XMFX Datasheet
993Kb / 22P
LMR62014 SIMPLE SWITCHER 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
LMR14206XMK TI-LMR14206XMK Datasheet
817Kb / 17P
LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR14206XMK TI1-LMR14206XMK Datasheet
841Kb / 17P
LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014_14 Datasheet
1Mb / 22P
SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
LMR64010 TI1-LMR64010_14 Datasheet
1Mb / 21P
SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR62421 TI-LMR62421_15 Datasheet
1Mb / 32P
SIMPLE SWITCHER 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR12010 TI-LMR12010_15 Datasheet
1Mb / 26P
SIMPLE SWITCHER 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR14203 TI-LMR14203_15 Datasheet
817Kb / 17P
SIMPLE SWITCHER 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014_15 Datasheet
1Mb / 22P
LMR62014 SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com