Electronic Components Datasheet Search
  English  ▼

X  

TA48M04F Datasheet (PDF) - Toshiba Semiconductor

TA48M04F Datasheet PDF - Toshiba Semiconductor
Part # TA48M04F
Download  TA48M04F Download
File Size   336.48 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2.5 V, 3 V, 3.3 V, 3.45 V, 4 V, 5 V Three-Terminal Low Dropout Voltage Regulator

TA48M04F Datasheet (PDF)

Go To PDF Page Download Datasheet
TA48M04F Datasheet PDF - Toshiba Semiconductor

Part # TA48M04F
Download  TA48M04F Click to download

File Size   336.48 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2.5 V, 3 V, 3.3 V, 3.45 V, 4 V, 5 V Three-Terminal Low Dropout Voltage Regulator

TA48M04F Datasheet (HTML) - Toshiba Semiconductor


TA48M04F Product details

Features
• Maximum output current of 0.5 A
• Low standby current: 800 μA (typ.)
• Low dropout voltage: 0.65 V (max) @IOUT = 0.5 A
• Protection function:
overcurrent/overheat/overvoltage/reversed power supply
connections.
• New PW-Mold package (Surface-mount type)




Similar Part No. - TA48M04F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48M04F TOSHIBA-TA48M04F Datasheet
409Kb / 11P
2.5V, 3V, 3.3V, 3.45V, 4V, 5V THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
TA48M04F TOSHIBA-TA48M04F Datasheet
350Kb / 12P
Three-Terminal Low Dropout Voltage Regulator
More results


Similar Description - TA48M04F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48L018F TOSHIBA-TA48L018F Datasheet
188Kb / 10P
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
TA48018F TOSHIBA-TA48018F Datasheet
265Kb / 12P
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Allegro MicroSystems
SI-3002KWD ALLEGRO-SI-3002KWD Datasheet
440Kb / 9P
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
logo
Toshiba Semiconductor
TA78DS05BP TOSHIBA-TA78DS05BP_06 Datasheet
528Kb / 11P
5 V, 6 V, 8 V, 9 V, 10 V, 12 V, 15 V Low Dropout Voltage Regulator
TA48018F TOSHIBA-TA48018F_06 Datasheet
298Kb / 12P
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Infineon Technologies A...
TLE4296 INFINEON-TLE4296_08 Datasheet
226Kb / 12P
Low Drop Voltage Regulator Three versions: 3.0 V, 3.3 V, 5.0 V
Rev. 1.1, 2008-04-21
TLE4274 INFINEON-TLE4274_08 Datasheet
225Kb / 13P
Voltage Regulator Output voltage: 3.3 V/2.5 V 짹 4%
Rev. 2.3, 2008-03-10
logo
STMicroelectronics
L5150GJ STMICROELECTRONICS-L5150GJ Datasheet
554Kb / 29P
5 V low dropout voltage regulator
02-Oct-2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com