Electronic Components Datasheet Search
  English  ▼

X  

LM25575QMHX/NOPB Datasheet (PDF) - Texas Instruments

LM25575QMHX/NOPB Datasheet PDF - Texas Instruments
Part # LM25575QMHX/NOPB
Download  LM25575QMHX/NOPB Download
File Size   700.96 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25575-Q1 42-V, 1.5-A Step-Down Switching Regulator

LM25575QMHX/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM25575QMHX/NOPB Datasheet PDF - Texas Instruments

Part # LM25575QMHX/NOPB
Download  LM25575QMHX/NOPB Click to download

File Size   700.96 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25575-Q1 42-V, 1.5-A Step-Down Switching Regulator

LM25575QMHX/NOPB Datasheet (HTML) - Texas Instruments


LM25575QMHX/NOPB Product details

1 Features
1• Qualified for Automotive Applications
– Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
• Integrated 42-V, 330-mΩ N-Channel MOSFET
• Ultra-Wide Input Voltage Range From 6 V to 42 V
• Adjustable Output Voltage as Low as 1.225 V
• 1.5% Feedback Reference Accuracy
• Operating Frequency Adjustable Between 50 kHz
and 1 MHz With Single Resistor
• Master or Slave Frequency Synchronization
• Adjustable Soft-Start
• Emulated Current Mode Control Architecture
• Wide Bandwidth Error Amplifier
• Built-In Protection
• HTSSOP-16 EP (Exposed Pad)
• Create a Custom Design Using the LM25575-Q1
With the WEBENCH® Power Designer

2 Applications
• Industrial

3 Description
The LM25575-Q1 is an easy to use buck regulator
which allows design engineers to design and optimize
a robust power supply using a minimum set of
components. Operating with an input voltage range of
6 V to 42 V, the LM25575-Q1 delivers 1.5-A of
continuous output current with an integrated 330-mΩ
N-Channel MOSFET. The regulator utilizes an
Emulated Current Mode architecture which provides
inherent line regulation, tight load transient response,
and ease of loop compensation without the usual
limitation of low-duty cycles associated with current
mode regulators. The operating frequency is
adjustable from 50-kHz to 1-MHz to allow
optimization of size and efficiency. To reduce EMI, a
frequency synchronization pin allows multiple IC’s
from the LM(2)557x family to self-synchronize or to
synchronize to an external clock. The LM25575-Q1
ensures robustness with cycle-by-cycle current limit,
short-circuit protection, thermal shut-down, and
remote shut-down. The device is available in a power
enhanced HTSSOP-16 package featuring an
exposed die attach pad for thermal dissipation. The
LM25575-Q1 is supported by the full suite of
WEBENCH® On-Line design tools.




Similar Part No. - LM25575QMHX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25575QMHX/NOPB TI-LM25575QMHX/NOPB Datasheet
999Kb / 30P
LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25575QMHX/NOPB TI1-LM25575QMHX/NOPB Datasheet
1Mb / 32P
SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
More results


Similar Description - LM25575QMHX/NOPB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S03 STMICROELECTRONICS-ST1S03_08 Datasheet
374Kb / 16P
1.5 A, 1.5 MHz adjustable, step-down switching regulator
07-Mar-2008
L5983 STMICROELECTRONICS-L5983_08 Datasheet
966Kb / 37P
1.5 A step-down switching regulator
16-Sep-2008
logo
Texas Instruments
LM25575 TI-LM25575 Datasheet
999Kb / 30P
LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25575QMH TI1-LM25575QMH Datasheet
999Kb / 30P
LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM5575-Q1 TI-LM5575-Q1_15 Datasheet
994Kb / 31P
LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
logo
STMicroelectronics
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
38 V 1.5 A synchronous step-down switching regulator
15-Apr-2015
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
42-V, 1-A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1 Datasheet
1Mb / 31P
LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1_17 Datasheet
1Mb / 33P
Simple Switcher 75-V, 1.5-A Step-Down Switching Regulator
logo
STMicroelectronics
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com