Electronic Components Datasheet Search
  English  ▼

X  

LM2653 Datasheet (PDF) - Texas Instruments

LM2653 Datasheet PDF - Texas Instruments
Part # LM2653
Download  LM2653 Download
File Size   737.24 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2653 1.5A High Efficiency Synchronous Switching Regulator

LM2653 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2653 Datasheet PDF - Texas Instruments

Part # LM2653
Download  LM2653 Click to download

File Size   737.24 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2653 1.5A High Efficiency Synchronous Switching Regulator

LM2653 Datasheet (HTML) - Texas Instruments


LM2653 Product details

1FEATURES
2• Efficiency up to 97%
• 4V to 14V Input Voltage Range
• 1.5V to 5.0V Adjustable Output Voltage
• 0.1Ω Switch On Resistance
• 300 kHz Fixed Frequency Internal Oscillator
• 7 μA Shutdown Current
• Patented Current Sensing for Current Mode
Control
• Input Undervoltage Lockout
• Output Overvoltage Shutdown Protection
• Output Undervoltage Shutdown Protection
• Adjustable Soft-Start
• Adjustable PGOOD Delay
• Current Limit and Thermal Shutdown

APPLICATIONS
• Webpad
• Personal Digital Assistants (PDAs)
• Computer Peripherals
• Battery-Powered Devices
• Notebook Computer Video Supply
• Handheld Scanners
• GXM I/O and Core Voltage
• High Efficiency 5V Conversion

DESCRIPTION
The LM2653 switching regulator provides high
efficient power conversion over a 100:1 load range
(1.5A to 15 mA). This feature makes the LM2653 an
ideal fit in battery-powered applications.
Synchronous rectification is used to achieve up to
97% efficiency. At light loads, the LM2653 enters a
low power hysteretic or “sleep” mode to keep the
efficiency high. In many applications, the efficiency
still exceeds 80% at 15 mA load. A shutdown pin is
available to disable the LM2653 and reduce the
supply current to 7μA.
All the power, control, and drive functions are
integrated within the ICs. The ICs contain patented
current sensing circuity for current mode control. This
feature eliminates the external current sensing
resistor required by other current-mode DC-DC
converters.
The ICs have a 300 kHz fixed frequency internal oscillator. The high oscillator frequency allows the
use of extremely small, low profile components.
Protection features include thermal shutdown, input
undervoltage lockout, adjustable soft-start, cycle by
cycle current limit, output overvoltage and
undervoltage protections.




Similar Part No. - LM2653

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653 Datasheet
663Kb / 12P
1.5A High Efficiency Synchronous Switching Regulator
LM2653MTC-ADJ NSC-LM2653MTC-ADJ Datasheet
243Kb / 13P
1.5A High Efficiency Synchronous Switching Regulator
LM2653MTC-ADJ NSC-LM2653MTC-ADJ Datasheet
663Kb / 12P
1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2653MTC-ADJ TI1-LM2653MTC-ADJ Datasheet
1Mb / 20P
LM2653 1.5A High Efficiency Synchronous Switching Regulator
More results


Similar Description - LM2653

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2653MTCX-ADJ TI1-LM2653MTCX-ADJ Datasheet
1Mb / 20P
LM2653 1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
LM2651 1.5A High Efficiency Synchronous Switching Regulator
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
2.5A High Efficiency Synchronous Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com