Electronic Components Datasheet Search
  English  ▼

X  

INA270AIDR Datasheet (PDF) - Texas Instruments

INA270AIDR Datasheet PDF - Texas Instruments
Part # INA270AIDR
Download  INA270AIDR Download
File Size   713.07 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor

INA270AIDR Datasheet (PDF)

Go To PDF Page Download Datasheet
INA270AIDR Datasheet PDF - Texas Instruments

Part # INA270AIDR
Download  INA270AIDR Click to download

File Size   713.07 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor

INA270AIDR Datasheet (HTML) - Texas Instruments


INA270AIDR Product details

1 Features
1• Wide Common-Mode Range: –16 V to +80 V
• CMRR: 120 dB
• Accuracy:
±0.5-mV Offset (typ)
±0.2% Gain Error (typ)
2.5 μV/°C Offset Drift (typ)
50 ppm/°C Gain Drift (max)
• Bandwidth: Up to 130 kHz
• Two Gain Options Available:
14 V/V (INA270)
20 V/V (INA271)
• Quiescent Current: 700 μA (typ)
• Power Supply: +2.7 V to +18 V
• Provision for Filtering

2 Applications
• Power Management
• Automotive
• Telecom Equipment
• Notebook Computers
• Battery Chargers
• Cell Phones
• Welding Equipment

3 Description
The INA270 and INA271 family of voltage-output,
current-sense amplifiers can sense drops across
shunt resistors at common-mode voltages from –16 V
to +80 V, independent of the supply voltage. The
INA270 and INA271 pinouts readily enable filtering.
The INA270 and INA271 are available with two gain
options: 14 V/V and 20 V/V. The 130-kHz bandwidth
simplifies use in current-control loops.
The INA270 and INA271 operate from a single +2.7-V
to +18-V supply, drawing 700 μA (typical) of supply
current. The devices are specified over the extended
operating temperature range of –40°C to +125°C and
are offered in an SOIC-8 package.




Similar Part No. - INA270AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA270AIDR BURR-BROWN-INA270AIDR Datasheet
295Kb / 13P
Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA270AIDR BURR-BROWN-INA270AIDR Datasheet
471Kb / 17P
Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA270AIDR TI1-INA270AIDR Datasheet
816Kb / 26P
Unidirectional Measurement Current-Shunt Monitor
INA270AIDR TI2-INA270AIDR Datasheet
713Kb / 28P
INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
REVISED JANUARY 2018
INA270AIDR.A TI2-INA270AIDR.A Datasheet
713Kb / 28P
INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
REVISED JANUARY 2018
More results


Similar Description - INA270AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA270 BURR-BROWN-INA270_07 Datasheet
471Kb / 17P
Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA270A-Q1 TI1-INA270A-Q1 Datasheet
380Kb / 16P
VOLTAGE-OUTPUT UNIDIRECTIONAL-MEASUREMENT CURRENT-SHUNT MONITORS
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA270 TI-INA270_15 Datasheet
746Kb / 26P
INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
INA206 TI1-INA206 Datasheet
1Mb / 39P
Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
Unidirectional Measurement Current-Shunt Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com