Electronic Components Datasheet Search
  English  ▼

X  

BQ26500 Datasheet (PDF) - Texas Instruments

BQ26500 Datasheet PDF - Texas Instruments
Part # BQ26500
Download  BQ26500 Download
File Size   747.27 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-CELL LI-ION AND LI-POL BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS (bqJUNIOR™ FAMILY)

BQ26500 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ26500 Datasheet PDF - Texas Instruments

Part # BQ26500
Download  BQ26500 Click to download

File Size   747.27 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE-CELL LI-ION AND LI-POL BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS (bqJUNIOR™ FAMILY)

BQ26500 Datasheet (HTML) - Texas Instruments


BQ26500 Product details

FEATURES
Reports Accurate State-of-Charge in Li-Ion
and Li-Pol Cells, No System Processor
Calculations Needed
Reports Cell Temperature and Voltage
High-Accuracy Coulometric Charge and
Discharge Current Integration with
Automatic Offset Cancellation
Requires No Offset Calibration
Programmable Input/Output Port
Internal Time-Base Eliminates External
Crystal Oscillator
Four Automatic Low-Power Operating Modes
− Active: < 100 μA
− Sleep: < 2.5 μA
− Ship: < 1.7 μA
− Hibernate: < 1.5 μA
Small 8-Pin TSSOP Package

APPLICATIONS
PDAs
Smart Phones
MP3 Players
Digital Cameras
Internet Appliances
Handheld Devices

DESCRIPTION
The bq26500, the first in the bqJUNIOR family
of advanced gas gauge device for handhald
applications, is a highly accurate standalone
single-cell Li-Ion and Li-Pol battery capacity
monitoring and reporting device targeted at space
limited portable applications. The device monitors
a voltage drop across a small current sense
resistor connected in series with the battery to
determine charge and discharge activity of the
battery. Compensations for battery temperature,
self-discharge, and rate of discharge are applied
to the charge counter to provide available capacity
across a wide range of operating conditions.
Battery capacity is automatically recalibrated, or
learned, in the course of a discharge cycle from full
to empty. Internal registers include available
capacity, cell temperature and voltage,
state-of-charge, and status and control registers.
The bq26500 can operate directly from single-cell
Li-Ion and Li-Pol batteries and communicates to
the system over a simple one-wire bi-directional
serial interface. The 5-kbits/s HDQ bus interface
reduces communication overhead in the external
microcontroller.




Similar Part No. - BQ26500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ26500PW TI-BQ26500PW Datasheet
336Kb / 27P
SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ26500PW TI-BQ26500PW Datasheet
690Kb / 30P
SINGLE-CELL LI-ION AND LI-POL BATTERY
BQ26500PWG4 TI-BQ26500PWG4 Datasheet
690Kb / 30P
SINGLE-CELL LI-ION AND LI-POL BATTERY
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
SINGLE-CELL LI-ION AND LI-POL BATTERY
More results


Similar Description - BQ26500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27010 TI-BQ27010 Datasheet
117Kb / 7P
SINGLE-CELL LHON AND LI-POL BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27210 TI-BQ27210 Datasheet
397Kb / 30P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_07 Datasheet
695Kb / 33P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27X00-TESTER TI1-BQ27X00-TESTER Datasheet
807Kb / 33P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI1-BQ27010_13 Datasheet
1Mb / 35P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI1-BQ27010_17 Datasheet
1Mb / 35P
Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com