Electronic Components Datasheet Search
  English  ▼

X  

2SK163 Datasheet (PDF) - NEC

2SK163 Datasheet PDF - NEC
Part # 2SK163
Download  2SK163 Download
File Size   61.31 Kbytes
Page   2 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTOR

2SK163 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK163 Datasheet PDF - NEC

Part # 2SK163
Download  2SK163 Click to download

File Size   61.31 Kbytes
Page   2 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTOR

2SK163 Datasheet (HTML) - NEC


2SK163 Product details

DESCRIPTION
FEATURES
The 2SK163 is designed for use in the first stage for AF Low
Noise amplifier.
• Low Equivalent Noise Voltage.
en=1.3 nV/HZ TYP. (VDs =10 V, Ip =1.0 mA, f=1.0 kHz)
• High Voltage and High Ysl
VDSX>50 V (VGS =-2.0 V)
INfs>7.0 mS (VDs = 10 V, ID = 1.0 mA, f= 1.0 kHz)




Similar Part No. - 2SK163

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK163 HITACHI-2SK163 Datasheet
48Kb / 9P
Silicon N-Channel MOS FET
2SK163 HITACHI-2SK163 Datasheet
34Kb / 6P
Silicon N-Channel MOS FET
logo
NEC
2SK163 NEC-2SK163 Datasheet
39Kb / 2P
Field Effect Transistor
logo
Inchange Semiconductor ...
2SK1630 ISC-2SK1630 Datasheet
64Kb / 2P
Drain Current ?밒D= 3A@ TC=25C
2SK1631 ISC-2SK1631 Datasheet
66Kb / 2P
Drain Current ?밒D= 3A@ TC=25C
More results


Similar Description - 2SK163

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3823 MICRO-ELECTRONICS-2N3823 Datasheet
237Kb / 2P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
Central Semiconductor C...
2N4338 CENTRAL-2N4338 Datasheet
47Kb / 1P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
Unisonic Technologies
TF215 UTC-TF215 Datasheet
133Kb / 3P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
KEC(Korea Electronics)
KTX598TF KEC-KTX598TF Datasheet
37Kb / 2P
N CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
New Jersey Semi-Conduct...
2N4860 NJSEMI-2N4860 Datasheet
161Kb / 2P
N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTOR
logo
Unisonic Technologies
TF215 UTC-TF215_15 Datasheet
160Kb / 3P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT2302 UTC-UT2302_15 Datasheet
294Kb / 5P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT2308 UTC-UT2308_15 Datasheet
158Kb / 3P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UT4404 UTC-UT4404_15 Datasheet
251Kb / 4P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
9N90-Q UTC-9N90-Q Datasheet
246Kb / 6P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com