Electronic Components Datasheet Search
  English  ▼

X  

LM5576 Datasheet (PDF) - Texas Instruments

LM5576 Datasheet PDF - Texas Instruments
Part # LM5576
Download  LM5576 Download
File Size   598.2 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5576Q0 SIMPLE SWITCHER® 75V, 3A Step-Down Switching Regulator

LM5576 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5576 Datasheet PDF - Texas Instruments

Part # LM5576
Download  LM5576 Click to download

File Size   598.2 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5576Q0 SIMPLE SWITCHER® 75V, 3A Step-Down Switching Regulator

LM5576 Datasheet (HTML) - Texas Instruments


LM5576 Product details

1FEATURES
2• LM5576Q0 is an Automotive Grade Product
that is AEC-Q100 Grade 0 Qualified
• -40°C to 150°C Operating Junction
Temperature
• Integrated 75V, 170mΩ N-Channel MOSFET
• Ultra-Wide Input Voltage Range from 6V to 75V
• Adjustable Output Voltage as Low as 1.225V
• 1.65% Feedback Reference Accuracy
• Operating Frequency Adjustable Between
50kHz and 500kHz with Single Resistor
• Master or Slave Frequency Synchronization
• Adjustable Soft-Start
• Emulated Current Mode Control Architecture
• Wide Bandwidth Error Amplifier
• Built-In Protection

APPLICATIONS
• Automotive
• Industrial

PACKAGE
• TSSOP-20EP (Exposed Pad)

DESCRIPTION
The LM5576Q0 is an easy to use SIMPLE
SWITCHER buck regulator which allows design
engineers to design and optimize a robust power
supply using a minimum set of components.
Operating with an input voltage range of 6 - 75V, the
LM5576Q0 delivers 3A of continuous output current
with an integrated 170mΩ N-Channel MOSFET. The
regulator utilizes an Emulated Current Mode
architecture which provides inherent line regulation,
tight load transient response, and ease of loop
compensation without the usual limitation of low-duty
cycles associated with current mode regulators. The
operating frequency is adjustable from 50kHz to
500kHz to allow optimization of size and efficiency.
To reduce EMI, a frequency synchronization pin
allows multiple IC’s from the LM(2)557x family to selfsynchronize
or to synchronize to an external clock.
The LM5576Q0 ensures robustness with cycle-by-
cycle current limit, short-circuit protection, thermal
shut-down, and remote shut-down. The device is
available in a power enhanced TSSOP-20 package
featuring an exposed die attach pad for thermal
dissipation. The LM5576Q0 is supported by the full
suite of WEBENCH® On-Line design tools.




Similar Part No. - LM5576

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5576 NSC-LM5576 Datasheet
465Kb / 24P
SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5576 TI-LM5576 Datasheet
1Mb / 30P
Ultra-Wide Input Voltage Range from 6V to 75V, Adjustable Output Voltage as Low as 1.225V
LM5576 TI-LM5576 Datasheet
1,022Kb / 30P
LM5576/LM5576-Q1 SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
LM5576 TI1-LM5576 Datasheet
1Mb / 30P
SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM5576 TI1-LM5576 Datasheet
1Mb / 34P
LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
More results


Similar Description - LM5576

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM5575 NSC-LM5575_09 Datasheet
455Kb / 22P
SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5576 NSC-LM5576_09 Datasheet
465Kb / 24P
SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5575MH TI-LM5575MH Datasheet
952Kb / 28P
LM5575/LM5575Q SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5576MHX TI-LM5576MHX Datasheet
1,022Kb / 30P
LM5576/LM5576-Q1 SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM5576Q0 TI1-LM5576Q0 Datasheet
972Kb / 27P
LM5576Q0 SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM5575 TI1-LM5575_17 Datasheet
1Mb / 30P
SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com