Electronic Components Datasheet Search
  English  ▼

X  

LM7808 Datasheet (PDF) - ON Semiconductor

LM7808 Datasheet PDF - ON Semiconductor
Part # LM7808
Download  LM7808 Download
File Size   481.38 Kbytes
Page   26 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-Terminal 1 A Positive Voltage Regulator

LM7808 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM7808 Datasheet PDF - ON Semiconductor

Part # LM7808
Download  LM7808 Click to download

File Size   481.38 Kbytes
Page   26 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-Terminal 1 A Positive Voltage Regulator

LM7808 Datasheet (HTML) - ON Semiconductor


LM7808 Product details

Features
• Output Current up to 1 A
• Output Voltages: 5, 6, 8, 9, 10, 12, 15, 18, 24 V
• Thermal Overload Protection
• Short-Circuit Protection
• Output Transistor Safe Operating Area Protection

Description
The LM78XX series of three-terminal positive regulators is available in the TO-220 package and with several fixed output voltages, making them useful in a wide range of applications. Each type employs internal current limiting, thermal shut-down, and safe operating area protection. If adequate heat sinking is provided, they can deliver over 1 A output current. Although designed primarily as fixedvoltage regulators, these devices can be used with external components for adjustable voltages and currents.




Similar Part No. - LM7808

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM7808 ETC-LM7808 Datasheet
175Kb / 6P
1.5A Positive Voltage Regulator
logo
Seme LAB
LM7808 SEME-LAB-LM7808 Datasheet
20Kb / 2P
8 VOLT POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM7808 FAIRCHILD-LM7808 Datasheet
516Kb / 28P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
LM7808 FAIRCHILD-LM7808 Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
logo
First Components Intern...
LM7808 FCI-LM7808 Datasheet
621Kb / 8P
LM7800 Series 3-Terminal fixed Voltage Regulators
More results


Similar Description - LM7808

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST7808 SEMTECH_ELEC-ST7808 Datasheet
254Kb / 3P
3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
3-terminal 1 A positive voltage regulator
logo
Fairchild Semiconductor
LM7808CT FAIRCHILD-LM7808CT Datasheet
460Kb / 24P
3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
7806 SEMTECH_ELEC-7806 Datasheet
221Kb / 3P
3-terminal 1 A positive voltage regulator
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
3-terminal 1 A positive voltage regulator
7812 SEMTECH_ELEC-7812 Datasheet
221Kb / 3P
3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
3-terminal 1 A positive voltage regulator
logo
ON Semiconductor
KA78XXE ONSEMI-KA78XXE Datasheet
534Kb / 29P
3-Terminal 1 A Positive Voltage Regulator
April 2015 Rev. 1.9
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
3-Terminal 1 A Positive Voltage Regulator
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com