Electronic Components Datasheet Search
  English  ▼

X  

0801605 Datasheet (PDF) - PHOENIX CONTACT

0801605 Datasheet PDF - PHOENIX CONTACT
Part # 0801605
Download  0801605 Download
File Size   184.81 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EMT (35X46)R YE - Insert label

0801605 Datasheet (PDF)

Go To PDF Page Download Datasheet
0801605 Datasheet PDF - PHOENIX CONTACT

Part # 0801605
Download  0801605 Click to download

File Size   184.81 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EMT (35X46)R YE - Insert label

0801605 Datasheet (HTML) - PHOENIX CONTACT


0801605 Product details

Insert label, for marking the Axioline F series from Phoenix Contact, Roll, yellow, unlabeled, can
be labeled with: THERMOMARK E.300 (D)/600 (D), THERMOMARK ROLL 2.0, THERMOMARK
ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK
X1.2, mounting type: insert, Number of individual labels: 500, text field height: 46 mm, text field
width: 35 mm




Similar Part No. - 0801605

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801602 PHOENIX-0801602 Datasheet
54Kb / 2P
EMT insert labels for labeling various marking collars
0801602 PHOENIX-0801602 Datasheet
157Kb / 6P
AXL F PWR 1H
0801602 PHOENIX-0801602 Datasheet
200Kb / 12P
Axioline F digital input module, 16 inputs, 24 V DC, 1-wire connection method
0801602 PHOENIX-0801602 Datasheet
293Kb / 30P
Axioline F communication module for serial data transmission, 1 interface can be parameterized as RS-485/422 or RS-232
0801603 PHOENIX-0801603 Datasheet
185Kb / 5P
EMT (35X28)R YE - Insert label
More results


Similar Description - 0801605

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800042 PHOENIX-0800042 Datasheet
49Kb / 3P
Insert label - EMT (103X23)R TQ
0803848 PHOENIX-0803848 Datasheet
50Kb / 2P
Insert label - US-EMT (31X12,5)
0803849 PHOENIX-0803849 Datasheet
50Kb / 2P
Insert label - US-EMT (31X12,5) YE
0803851 PHOENIX-0803851 Datasheet
50Kb / 2P
Insert label - US-EMT (50X26)
0803853 PHOENIX-0803853 Datasheet
50Kb / 2P
Insert label - US-EMT (50/28X13)
0803856 PHOENIX-0803856 Datasheet
50Kb / 2P
Insert label - US-EMT (103X23)
0803858 PHOENIX-0803858 Datasheet
50Kb / 2P
Insert label - US-EMT (23X109)
0803859 PHOENIX-0803859 Datasheet
50Kb / 2P
Insert label - US-EMT (23X109) YE
0803862 PHOENIX-0803862 Datasheet
50Kb / 2P
Insert label - US-EMT (13X109)
0803863 PHOENIX-0803863 Datasheet
51Kb / 2P
Insert label - US-EMT (13X109) YE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com