Electronic Components Datasheet Search
  English  ▼

X  

LM2796 Datasheet (PDF) - Texas Instruments

LM2796 Datasheet PDF - Texas Instruments
Part # LM2796
Download  LM2796 Download
File Size   334.13 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2796 Dual-Display White LED Driver with 3/2x Switched Capacitor Boost

LM2796 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2796 Datasheet PDF - Texas Instruments

Part # LM2796
Download  LM2796 Click to download

File Size   334.13 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2796 Dual-Display White LED Driver with 3/2x Switched Capacitor Boost

LM2796 Datasheet (HTML) - Texas Instruments


LM2796 Product details

1FEATURES
2• Drives up to 7 LEDs with up to 20mA Each
• LEDs Controlled in 2 Distinct Groups, for
Backlighting 2 Displays (Main LCD and Sub-
LCD)
• Excellent Current and Brightness Matching
• High-Efficiency 3/2x Charge Pump
• Extended Li-Ion Input: 2.7V to 5.5V
• PWM Brightness Control: 100Hz - 1kHz
• 18-bump Thin DSBGA Package: (2.1mm x
2.4mm x 0.6mm)

pulseAPPLICATIONS
• Mobile Phone Display Lighting
• Mobile Phone Keypad Lighting
• PDAs
• General LED Lighting

DESCRIPTION
The LM2796 is a charge-pump based white-LED
driver that is ideal for mobile phone display
backlighting. It can drive up to 7 LEDs in parallel with
up to 20mA through each LED. Regulated internal
current sources deliver excellent current and
brightness matching in all LEDs. The LED-driver
current sources are split into two independently
controlled groups. The primary group (4 LEDs) can
be used to backlight the main phone display. The
second group (3 LEDs) can be used to backlight a
secondary display or to provide other lighting features
keypad LEDs, for example). Brightness of the two
groups can be adjusted independently with pulseAPPLICATIONS
width modulated (PWM) digital signals.
The LM2796 works off an extended Li-Ion input voltage range (2.7V to 5.5V). Voltage boost is
achieved with a high-efficiency 3/2×-gain charge
pump.
The LM2796 is available in TI’s chip-scale 18-bump
DSBGA package.




Similar Part No. - LM2796

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM2796 TI1-LM2796 Datasheet
777Kb / 14P
Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM2796 TI1-LM2796 Datasheet
782Kb / 16P
LM2796 Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
National Semiconductor ...
LM27961 NSC-LM27961 Datasheet
711Kb / 13P
Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM27961 TI1-LM27961 Datasheet
267Kb / 16P
Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results


Similar Description - LM2796

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM27953 NSC-LM27953 Datasheet
681Kb / 11P
White LED Driver with Four LED Current Sinks and 3/2x Switched Capacitor Boost
LM27961 NSC-LM27961 Datasheet
711Kb / 13P
Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
Texas Instruments
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27961 TI1-LM27961 Datasheet
267Kb / 16P
Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM2796 TI1-LM2796 Datasheet
777Kb / 14P
Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM2796 TI1-LM2796_16 Datasheet
782Kb / 16P
LM2796 Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com