Electronic Components Datasheet Search
  English  ▼

X  

LM139-SP Datasheet (PDF) - Texas Instruments

LM139-SP Datasheet PDF - Texas Instruments
Part # LM139-SP
Download  LM139-SP Download
File Size   397.14 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD DIFFERENTIAL COMPARATOR

LM139-SP Datasheet (PDF)

Go To PDF Page Download Datasheet
LM139-SP Datasheet PDF - Texas Instruments

Part # LM139-SP
Download  LM139-SP Click to download

File Size   397.14 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD DIFFERENTIAL COMPARATOR

LM139-SP Datasheet (HTML) - Texas Instruments


LM139-SP Product details

1FEATURES
• QML-V Qualified, SMD 5962-7700801VCA,
5962-9673802VCA and 5962-9673802V9B
• Rad-Tolerant: 40 kRad/sec (Si) TID
(5962-9673802VCA and 5962-9673802V9B) (1)
– TID Dose Rate = 0.01 rad/sec (Si)
• Wide Supply Ranges
– Single Supply: 2 V to 36 V
(Tested to 30 V)
– Dual Supplies: ±1 V to ±18 V
(Tested to ±15 V)
• Low Supply-Current Drain Independent of
Supply Voltage: 0.8 mA (Typ)
• Low Input Bias Current: 25 nA (Typ)
• Low Input Offset Current: 3 nA (Typ) (LM139)
• Low Input Offset Voltage: 2 mV (Typ)
(1) Radiation tolerance is a typical value based upon initial device
qualification with dose rate = 0.01 rad/sec. Radiation lot
acceptance testing is available - contact factory for details.
• Common-Mode Input Voltage Range Includes
Ground
• Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage: ±36 V
• Low Output Saturation Voltage
• Output Compatible With TTL, MOS, and CMOS

DESCRIPTION/ORDERING INFORMATION
These devices consist of four independent voltage comparators that are designed to operate from a single power
supply over a wide range of voltages. Operation from dual supplies also is possible, as long as the difference
between the two supplies is 2 V to 36 V, and VCC is at least 1.5 V more positive than the input common-mode
voltage. Current drain is independent of the supply voltage. The outputs can be connected to other
open-collector outputs to achieve wired-AND relationships.
The LM139 and LM139A are characterized for operation over the full military temperature range of –55°C to
125°C.




Similar Part No. - LM139-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139-SP TI1-LM139-SP Datasheet
214Kb / 13P
QUAD DIFFERENTIAL COMPARATOR
LM139-SP TI1-LM139-SP Datasheet
214Kb / 14P
QUAD DIFFERENTIAL COMPARATOR
LM139-SP TI1-LM139-SP Datasheet
478Kb / 19P
Quad Differential Comparators
LM139-SP TI-LM139-SP Datasheet
1Mb / 48P
LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM139-SP TI-LM139-SP Datasheet
1Mb / 48P
LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
More results


Similar Description - LM139-SP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM339 UTC-UTCLM339 Datasheet
42Kb / 4P
QUAD DIFFERENTIAL COMPARATOR
logo
Wuxi Youda electronics ...
YD339 YOUDA-YD339 Datasheet
102Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_05 Datasheet
127Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_10 Datasheet
176Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM239AQDRQ1 TI-LM239AQDRQ1 Datasheet
140Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM339PC CYSTEKEC-LM339PC Datasheet
502Kb / 6P
Quad Differential Comparator
logo
Texas Instruments
LM239A-EP TI1-LM239A-EP_14 Datasheet
600Kb / 16P
QUAD DIFFERENTIAL COMPARATOR
LM139-SP TI1-LM139-SP_14 Datasheet
214Kb / 14P
QUAD DIFFERENTIAL COMPARATOR
logo
Hangzhou Youwang Electr...
UTC339 YOUWANG-UTC339 Datasheet
89Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com