Electronic Components Datasheet Search
  English  ▼

X  

ISO121G Datasheet (PDF) - Texas Instruments

ISO121G Datasheet PDF - Texas Instruments
Part # ISO121G
Download  ISO121G Download
File Size   260.31 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision Low Cost ISOLATION AMPLIFIER

ISO121G Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO121G Datasheet PDF - Texas Instruments

Part # ISO121G
Download  ISO121G Click to download

File Size   260.31 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Precision Low Cost ISOLATION AMPLIFIER

ISO121G Datasheet (HTML) - Texas Instruments


ISO121G Product details

FEATURES
100% TESTED FOR PARTIAL DISCHARGE
ISO120: Rated 1500Vrms
ISO121: Rated 3500Vrms
HIGH IMR: 115dB at 60Hz
USER CONTROL OF CARRIER
FREQUENCY
LOW NONLINEARITY: ±0.01% max
BIPOLAR OPERATION: VO = ±10V
0.3"-WIDE 24-PIN HERMETIC DIP, ISO120
SYNCHRONIZATION CAPABILITY
WIDE TEMP RANGE: –55°C to +125°C
(ISO120)

APPLICATIONS
INDUSTRIAL PROCESS CONTROL: Transducer
Isolator for Thermocouples, RTDs,
Pressure Bridges, and Flow Meters, 4mA
to 20mA Loop Isolation
GROUND LOOP ELIMINATION
MOTOR AND SCR CONTROL
POWER MONITORING
ANALYTICAL MEASUREMENTS
BIOMEDICAL MEASUREMENTS
DATA ACQUISITION
TEST EQUIPMENT

DESCRIPTION
The ISO120 and ISO121 are precision isolation amplifiers
incorporating a novel duty cycle modulationdemodulation
technique. The signal is transmitted
digitally across a 2pF differential capacitive barrier.
With digital modulation the barrier characteristics do
not affect signal integrity, which results in excellent
reliability and good high frequency transient immunity
across the barrier. Both the amplifier and barrier
capacitors are housed in a hermetic DIP. The ISO120
and ISO121 differ only in package size and isolation
voltage rating.
These amplifiers are easy to use. No external components
are required for 60kHz bandwidth. With the
addition of two external capacitors, precision specifications
of 0.01% max nonlinearity and 150mV/°C max
VOS drift are guaranteed with 6kHz bandwidth. A
power supply range of ±4.5V to ±18V and low quiescent
current make these amplifiers ideal for a wide
range of applications.




Similar Part No. - ISO121G

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO121G BURR-BROWN-ISO121G Datasheet
184Kb / 16P
Precision Low Cost ISOLATION AMPLIFIER
ISO121G BURR-BROWN-ISO121G Datasheet
192Kb / 16P
Precision Low Cost ISOLATION AMPLIFIER
More results


Similar Description - ISO121G

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO103 BURR-BROWN-ISO103 Datasheet
112Kb / 9P
Low-Cost, Internally Powered ISOLATION AMPLIFIER
ISO120 BURR-BROWN-ISO120 Datasheet
184Kb / 16P
Precision Low Cost ISOLATION AMPLIFIER
ISO124 BURR-BROWN-ISO124 Datasheet
252Kb / 12P
Precision Lowest Cost ISOLATION AMPLIFIER
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
Precision Lowest Cost ISOLATION AMPLIFIER
ISO130 BURR-BROWN-ISO130 Datasheet
108Kb / 11P
High IMR, Low Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122PE4 TI-ISO122PE4 Datasheet
762Kb / 20P
Precision Lowest Cost ISOLATION AMPLIFIER
logo
Burr-Brown (TI)
ISO120G-BI BURR-BROWN-ISO120G-BI Datasheet
192Kb / 16P
Precision Low Cost ISOLATION AMPLIFIER
logo
Analog Devices
277 AD-277_15 Datasheet
1Mb / 4P
Precision Isolation Amplifier
logo
Texas Instruments
ISO122 TI1-ISO122_15 Datasheet
1Mb / 26P
Precision Lowest-Cost Isolation Amplifier
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
Precision Lowest-Cost Isolation Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com