Electronic Components Datasheet Search
  English  ▼

X  

DSD1792DB Datasheet (PDF) - Texas Instruments

DSD1792DB Datasheet PDF - Texas Instruments
Part # DSD1792DB
Download  DSD1792DB Download
File Size   671.45 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER

DSD1792DB Datasheet (PDF)

Go To PDF Page Download Datasheet
DSD1792DB Datasheet PDF - Texas Instruments

Part # DSD1792DB
Download  DSD1792DB Click to download

File Size   671.45 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER

DSD1792DB Datasheet (HTML) - Texas Instruments


DSD1792DB Product details

FEATURES
Supports Both DSD and PCM Formats
24-Bit Resolution
Analog Performance:
− Dynamic Range:
− 132 dB (9 V rms, Mono)
− 129 dB (4.5 V rms, Stereo)
− 127 dB (2 V rms, Stereo)
− THD+N: 0.0004%
Differential Current Output: 7.8 mA p-p
8× Oversampling Digital Filter:
− Stop-Band Attenuation: –130 dB
− Pass-Band Ripple: ±0.00001 dB
Sampling Frequency: 10 kHz to 200 kHz
System Clock: 128, 192, 256, 384, 512, or
768 fS With Autodetect
Accepts 16-, 20-, and 24-Bit Audio Data
PCM Data Formats: Standard, I2S, and
Left-Justified
Optional Interface to External Digital Filter or
DSP Available
TDMCA Interface Available
User-Programmable Mode Controls:
− Digital Attenuation: 0 dB to –120 dB,
0.5 dB/Step
− Digital De-Emphasis
− Digital Filter Rolloff: Sharp or Slow
− Soft Mute
Dual Supply Operation:
− 5 V Analog, 3.3 V Digital
5-V Tolerant Digital Inputs
Small 28-Lead SSOP Package

APPLICATIONS
A/V Receivers
SACD Player
DVD Players
HDTV Receivers
Car Audio Systems
Digital Multi-Track Recorders
Other Applications Requiring 24-Bit Audio

DESCRIPTION
The DSD1792 is a monolithic CMOS integrated circuit that
includes stereo digital-to-analog converters and support
circuitry in a small 28-lead SSOP package. The data
converters use TI’s advanced-segment DAC architecture
to achieve excellent dynamic performance and improved
tolerance to clock jitter. The DSD1792 provides balanced
current outputs, allowing the user to optimize analog
performance externally. The DSD1792 accepts the PCM
and DSD audio data formats, providing easy interfacing to
audio DSP and decoder chips. The DSD1792 also
interfaces with external digital filter devices (DF1704,
DF1706, PMD200). Sampling rates up to 200 kHz are
supported. A full set of user-programmable functions is
accessible through a 4-wire serial control port, which
supports register write and readback functions. The
DSD1792 also supports the time-division-multiplexed
command and audio (TDMCA) data format.




Similar Part No. - DSD1792DB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DSD1792DB BURR-BROWN-DSD1792DB Datasheet
478Kb / 10P
24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1792DB BURR-BROWN-DSD1792DB Datasheet
497Kb / 10P
24 bit 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANARLOG CONVERTER
logo
Texas Instruments
DSD1792DB TI1-DSD1792DB Datasheet
637Kb / 57P
24 bit 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANARLOG CONVERTER
DSD1792DBG4 TI1-DSD1792DBG4 Datasheet
637Kb / 57P
24 bit 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANARLOG CONVERTER
logo
Burr-Brown (TI)
DSD1792DBR BURR-BROWN-DSD1792DBR Datasheet
478Kb / 10P
24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results


Similar Description - DSD1792DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792 BURR-BROWN-DSD1792 Datasheet
478Kb / 10P
24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
PCM1791A TI-PCM1791A Datasheet
490Kb / 58P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1793 TI1-DSD1793_08 Datasheet
604Kb / 50P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com