Electronic Components Datasheet Search
  English  ▼

X  

DS90CP22MTX/NOPB Datasheet (PDF) - Texas Instruments

DS90CP22MTX/NOPB Datasheet PDF - Texas Instruments
Part # DS90CP22MTX/NOPB
Download  DS90CP22MTX/NOPB Download
File Size   675.05 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch

DS90CP22MTX/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90CP22MTX/NOPB Datasheet PDF - Texas Instruments

Part # DS90CP22MTX/NOPB
Download  DS90CP22MTX/NOPB Click to download

File Size   675.05 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch

DS90CP22MTX/NOPB Datasheet (HTML) - Texas Instruments


DS90CP22MTX/NOPB Product details

1FEATURES
2• DC - 800 Mbps Low Jitter, Low Skew Operation
• 65 ps (typ) of Pk-Pk Jitter with PRBS = 223−1
Data Pattern at 800 Mbps
• Single +3.3 V Supply
• Less than 330 mW (typ) Total Power
Dissipation
• Non-Blocking "'Switch Architecture"'
• Balanced Output Impedance
• Output Channel-to-Channel Skew is 35 ps (typ)
• Configurable as 2:1 mux, 1:2 demux, Repeater
or 1:2 Signal Splitter
• LVDS Receiver Inputs Accept LVPECL Signals
• Fast Switch Time of 1.2ns (typ)
• Fast Propagation Delay of 1.3ns (typ)
• Receiver Input Threshold < ±100 mV
• Available in 16 Lead TSSOP and SOIC TRIPackages
• Conforms to ANSI/TIA/EIA-644-1995 LVDS
Standard
• Operating Temperature: −40°C to +85°C

DESCRIPTION
DS90CP22 is a 2x2 crosspoint switch utilizing LVDS
Low Voltage Differential Signaling) technology for
low power, high speed operation. Data paths are fully
differential from input to output for low noise
generation and low pulse width distortion. The non-
blocking design allows connection of any input to any
output or outputs. LVDS I/O enable high speed data
transmission for point-to-point interconnects. This
device can be used as a high speed differential
crosspoint, 2:1 mux, 1:2 demux, repeater or 1:2
signal splitter. The mux and demux functions are
useful for switching between primary and backup
circuits in fault tolerant systems. The 1:2 signal
splitter and 2:1 mux functions are useful for
distribution of serial bus across several rack-mounted
backplanes.
The DS90CP22 accepts LVDS signal levels, LVPECL
levels directly or PECL with attenuation networks.
The individual LVDS outputs can be put into TRIPackages
STATE by use of the enable pins.
For more details, please refer to the Application
Information section of this datasheet.




Similar Part No. - DS90CP22MTX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CP22MTX/NOPB TI1-DS90CP22MTX/NOPB Datasheet
1,016Kb / 17P
DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch
More results


Similar Description - DS90CP22MTX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CP22 NSC-DS90CP22 Datasheet
350Kb / 10P
2X2 800 Mbps LVDS Crosspoint Switch
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
National Semiconductor ...
DS90CP22 NSC-DS90CP22_07 Datasheet
1Mb / 10P
800 Mbps 2x2 LVDS Crosspoint Switch
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
2x2 LVDS CROSSPOINT SWITCH
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
CLASS V 2x2 LVDS CROSSPOINT SWITCH
DS90CP22MX-8 TI1-DS90CP22MX-8 Datasheet
1,016Kb / 17P
DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch
DS90CP22 TI1-DS90CP22_14 Datasheet
1,017Kb / 18P
800 Mbps 2x2 LVDS Crosspoint Switch
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
CLASS V 2x2 LVDS CROSSPOINT SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com