Electronic Components Datasheet Search
  English  ▼

X  

16020085 Datasheet (PDF) - Molex Electronics Ltd.

16020085 Datasheet PDF - Molex Electronics Ltd.
Part # 16020085
Download  16020085 Download
File Size   99.11 Kbytes
Page   9 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Insertion Tool for 70021,70028, 70110, 71851 Terminals / Extraction Tool for 91821 Terminals

16020085 Datasheet (PDF)

Go To PDF Page Download Datasheet
16020085 Datasheet PDF - Molex Electronics Ltd.

Part # 16020085
Download  16020085 Click to download

File Size   99.11 Kbytes
Page   9 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Insertion Tool for 70021,70028, 70110, 71851 Terminals / Extraction Tool for 91821 Terminals

16020085 Datasheet (HTML) - Molex Electronics Ltd.


16020085 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207121
Description Insertion Tool for 70021,70028,
70110, 71851 Terminals /
Extraction Tool for 91821
Terminals
Function Insertion
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name N/A
Tool Type Insertion Hand Tool
UPC 800753609471
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 16020085

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
16020081 MOLEX-16020081 Datasheet
51Kb / 3P
Hand Insertion Tool
Jun 24, 2025
16020082 MOLEX-16020082 Datasheet
112Kb / 1P
SL F-F 450mm 24 awg lead RD Au
2022/03/18
16020082 MOLEX-16020082 Datasheet
109Kb / 1P
SL F-S 150mm 24 awg lead BK Au
2022/03/18
16020082 MOLEX-16020082 Datasheet
109Kb / 1P
SL F-S 75mm 28 awg lead BK Au
2022/03/18
16020082 MOLEX-16020082 Datasheet
109Kb / 1P
SL F-S 75mm 26 awg lead BK Au
2022/03/18
More results


Similar Description - 16020085

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63812-1600 MOLEX11-63812-1600 Datasheet
37Kb / 1P
Insertion Tool for SolderRight Terminals
0638132800 MOLEX11-0638132800 Datasheet
28Kb / 1P
Extraction Tool for Crimp Terminals
0638132800 MOLEX-0638132800 Datasheet
30Kb / 2P
Extraction Tool for Crimp Terminals
11/02/2021
63812-1600 MOLEX-63812-1600 Datasheet
262Kb / 2P
Insertion Tool for SolderRight??Terminals
09-29-14
0011020022 MOLEX-0011020022 Datasheet
49Kb / 5P
Insertion Tool for 70021,70028, 70110, 71851 Terminals / Extraction Tool for 91821 Terminals
08/25/2022
0011030043 MOLEX-0011030043 Datasheet
70Kb / 9P
Extraction Tool for Micro-Fit Terminals
08/22/2022
0011030044 MOLEX-0011030044 Datasheet
75Kb / 9P
Extraction Tool for Mini-Fit Jr. Terminals
08/25/2022
0638121600 MOLEX-0638121600 Datasheet
31Kb / 2P
Insertion Tool for SolderRight Terminals
08/25/2022
2002221500 MOLEX-2002221500 Datasheet
21Kb / 1P
Extraction Tool for CTX50 Crimp Terminals
08/25/2022
2002221600 MOLEX-2002221600 Datasheet
23Kb / 1P
Extraction Tool for stAK50h Crimp Terminals
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com