Electronic Components Datasheet Search
  English  ▼

X  

1720630335 Datasheet (PDF) - Molex Electronics Ltd.

1720630335 Datasheet PDF - Molex Electronics Ltd.
Part # 1720630335
Download  1720630335 Download
File Size   70.98 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for Mega-Fit Wire-to-Wire Crimp Terminals, 10 AWG

1720630335 Datasheet (PDF)

Go To PDF Page Download Datasheet
1720630335 Datasheet PDF - Molex Electronics Ltd.

Part # 1720630335
Download  1720630335 Click to download

File Size   70.98 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for Mega-Fit Wire-to-Wire Crimp Terminals, 10 AWG

1720630335 Datasheet (HTML) - Molex Electronics Ltd.


1720630335 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description Hand Crimp Tool for Mega-Fit Wireto-
Wire Crimp Terminals, 10 AWG
Comments See Tooling Specification (PDF)
Above
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name Mega-Fit
Tool Type Hand Crimp Tool
UPC 196823132797
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 1720630335

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1720630334 MOLEX-1720630334 Datasheet
73Kb / 3P
Hand Crimp Tool for Mega-Fit Crimp Terminals, 14 AWG, UL1007 and UL1015 Wire
Jun 18, 2025
1720630334 MOLEX-1720630334 Datasheet
73Kb / 3P
Hand Crimp Tool for Mega-Fit Crimp Terminals, 16 AWG, UL1007 and UL1015 Wire
Jun 18, 2025
More results


Similar Description - 1720630335

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638257100 MOLEX11-0638257100 Datasheet
36Kb / 1P
Hand Crimp Tool for Mega-Fit Crimp Terminals, AWG Wires
213309-1300 MOLEX-213309-1300 Datasheet
1Mb / 8P
Hand Crimp Tool for Mega-Fit Crimp Terminals
07-16-20
ATS-6382749HM MOLEX-ATS-6382749HM Datasheet
659Kb / 5P
Hand Crimp Tool for Mega-Fit??Crimp Terminals
06-18-15
0638257100 MOLEX-0638257100 Datasheet
37Kb / 2P
Hand Crimp Tool for Mega-Fit Crimp Terminals, AWG Wires
02/27/2021
200218-7200 MOLEX-200218-7200 Datasheet
722Kb / 7P
Hand Crimp Tool for Mega-Fit Female Crimp Terminals
02-08-21
213309-1400 MOLEX-213309-1400 Datasheet
1Mb / 8P
Hand Crimp Tool for Mega-Fit Crimp Terminals
07-16-20
ATS-638259400 MOLEX-ATS-638259400 Datasheet
364Kb / 6P
Hand Crimp Tool For Wire to Motor Crimp Terminals
09-04-13
2133091300 MOLEX-2133091300 Datasheet
1Mb / 8P
Hand Crimp Tool for Mega-Fit Crimp Terminals
07-16-20
200218-7200 MOLEX2-200218-7200 Datasheet
722Kb / 7P
Hand Crimp Tool for Mega-Fit Female Crimp Terminals
02-08-21
2133096000 MOLEX-2133096000 Datasheet
33Kb / 1P
Hand Crimp Tool for Mega-Fit Wire-to-Wire Crimp Terminals, 10 AWG
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com