Electronic Components Datasheet Search
  English  ▼

X  

CD54HC299 Datasheet (PDF) - Texas Instruments

CD54HC299 Datasheet PDF - Texas Instruments
Part # CD54HC299
Download  CD54HC299 Download
File Size   649.31 Kbytes
Page   2 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State

CD54HC299 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54HC299 Datasheet PDF - Texas Instruments

Part # CD54HC299
Download  CD54HC299 Click to download

File Size   649.31 Kbytes
Page   2 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State

CD54HC299 Datasheet (HTML) - Texas Instruments


CD54HC299 Product details

Features
• Buffered Inputs
• Four Operating Modes: Shift Left, Shift Right, Load
and Store
• Can be Cascaded for N-Bit Word Lengths
• I/O0 - I/O7 Bus Drive Capability and Three-State for
Bus Oriented Applications
• Typical fMAX = 50MHz at VCC = 5V, CL = 15pF, TA = 25oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1μA at VOL, VOH

Description
The ’HC259 and ’HCT299 are 8-bit shift/storage registers
with three-state bus interface capability. The register has four
synchronous-operating modes controlled by the two select
inputs as shown in the mode select (S0, S1) table. The mode
select, the serial data (DS0, DS7) and the parallel data (I/O0
- I/O7) respond only to the low-to-high transition of the clock
(CP) pulse. S0, S1 and data inputs must be stable one setup
time prior to the clock positive transition.
The Master Reset (MR) is an asynchronous active low input.
When MR output is low, the register is cleared regardless of
the status of all other inputs. The register can be expanded
by cascading same units by tying the serial output (Q0) to
the serial data (DS7) input of the preceding register, and
tying the serial output (Q7) to the serial data (DS0) input of
the following register. Recirculating the (n x 8) bits is
accomplished by tying the Q7 of the last stage to the DS0 of
the first stage.
The three-state input/output I(/O) port has three modes of
operation:
1. Both output enable (OE1 and OE2) inputs are low and S0
or S1 or both are low, the data in the register is presented
at the eight outputs.
2. When both S0 and S1 are high, I/O terminals are in the
high impedance state but being input ports, ready for parallel
data to be loaded into eight registers with one clock
transition regardless of the status of OE1 and OE2.
3. Either one of the two output enable inputs being high will
force I/O terminals to be in the off-state. It is noted that
each I/O terminal is a three-state output and a CMOS
buffer input.




Similar Part No. - CD54HC299

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC299 TI-CD54HC299 Datasheet
288Kb / 15P
High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
CD54HC299 TI-CD54HC299 Datasheet
431Kb / 17P
High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
CD54HC299F TI-CD54HC299F Datasheet
288Kb / 15P
High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
CD54HC299F TI-CD54HC299F Datasheet
431Kb / 17P
High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
CD54HC299F3A TI-CD54HC299F3A Datasheet
288Kb / 15P
High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
More results


Similar Description - CD54HC299

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC194 TI-CD74HC194 Datasheet
47Kb / 8P
High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD74HC299 TI-CD74HC299 Datasheet
54Kb / 10P
High Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
logo
Intersil Corporation
HCTS299MS INTERSIL-HCTS299MS Datasheet
118Kb / 13P
Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
logo
Texas Instruments
CD54HC194 TI-CD54HC194 Datasheet
339Kb / 13P
High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD54HCT299 TI-CD54HCT299 Datasheet
288Kb / 15P
High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
CD54HC194 TI-CD54HC194_06 Datasheet
342Kb / 15P
High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD54HCT299 TI-CD54HCT299_07 Datasheet
431Kb / 17P
High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
CD54HC194 TI-CD54HC194_08 Datasheet
526Kb / 17P
High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
74HC194N TI-74HC194N Datasheet
554Kb / 19P
High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
logo
Aeroflex Circuit Techno...
UT54ACS299E AEROFLEX-UT54ACS299E Datasheet
162Kb / 14P
CMOS 8-bit Universal Shift/Storage Register with Three-State Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com