Electronic Components Datasheet Search
  English  ▼

X  

BQ25980 Datasheet (PDF) - Texas Instruments

BQ25980 Datasheet PDF - Texas Instruments
Part # BQ25980
Download  BQ25980 Download
File Size   586.71 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25980 I2C Controlled, 2-Cell, 8-A Switched Cap Parallel Battery Charger with Integrated Protection and Dual-Input Selector

BQ25980 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25980 Datasheet PDF - Texas Instruments

Part # BQ25980
Download  BQ25980 Click to download

File Size   586.71 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25980 I2C Controlled, 2-Cell, 8-A Switched Cap Parallel Battery Charger with Integrated Protection and Dual-Input Selector

BQ25980 Datasheet (HTML) - Texas Instruments


BQ25980 Product details

1 Features
• 98.6% peak efficiency switched cap parallel
charger supporting 2-cell battery and 8-A fast
charge
• Patent pending dual phase switched cap
architecture optimized for highest efficiency
– Input voltage is 2x battery voltage (7.0V to
9.54V)
– Output current is 2x of input current (up to
4.75A)
– Reduces power loss across input cable
• Integrated 7-A bypass mode fast charge
– 13mΩ charging path resistance for high current
operation
• Dual-input power mux controller for source
selection
• Support wide range of input voltage
– Up to 22-V operational input voltage
– Maximum 40-V input voltage with optional
external ACFET and 28-V without external
ACFET
• Parallel charging with synchronized dual BQ25980
operations for up-to 12-A charging current
• Integrated programmable protection features for
safe operation
– Input over-voltage protection (BUSOVP) and
battery over-voltage protection (BATOVP)
– Input over-current protection (BUSOCP) and
battery over-current protection (BATOCP)
– Output over-voltage protection (VOUTOVP)
– Input under-current protection (BUSUCP) and
input reverse-current protection (BUSRCP) to
detect adapter unplug and prevent boost-back
– Input short-circuit protection (BUSSCP)
– Battery and connector temperature monitoring
(TSBAT_FLT and TSBUS_FLT)
– Junction over-temperature protection
(TDIE_FLT)
– Optional input over-voltage protection with
external ACFET up to 40V
• Programmable settings for system optimization
– Interrupts and interrupt masks
– ADC readings and configuration
• Integrated 16-bit ADC for voltage, current and
temperature monitoring

2 Applications
• Smartphone, Tablet, Non-military Drone
• Chromebook, Notebook

3 Description
The BQ25980 is a 98.6% peak efficiency, 8-A battery
charging solution using dual-phase switched cap
architecture for 2-cell Li-ion battery. The switched cap
architecture allows the cable current to be half the
charging current, reducing the cable power loss and
limiting temperature rise. The dual-phase architecture
increases charging efficiency and reduces the input
and output cap requirements. When used with a main
charger such as BQ25790, the system enables the
fast charging at the very low power loss from precharge
through constant current (CC), constant
voltage (CV), and termination.
The BQ25980 also supports 7-A bypass mode charge
(previously called battery switch charge) through
internal MOSFETs. The Rdson in bypass mode
charging path is less than 13mΩ for high current
operation. The integrated bypass mode allows
backward compatibility of 10-V fast charging adapter
to charge 2-cell battery.
The device supports dual input configuration through
integrated mux control and driver for external N-FETs.
It also allows single input with no external N-FET or
single N-FET.




Similar Part No. - BQ25980

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25980 TI-BQ25980 Datasheet
1Mb / 10P
BQ25980 I2C Controlled, 2-Cell, 8-A Switched Cap Parallel Battery Charger with Integrated Protection and Dual-Input Selector
BQ25980 TI-BQ25980 Datasheet
1Mb / 72P
BQ25960 I2C Controlled, Single Cell 8-A Switched Cap Parallel Battery Charger with Integrated Bypass Mode and Dual-Input Selector
BQ25980YFFR TI-BQ25980YFFR Datasheet
1Mb / 10P
BQ25980 I2C Controlled, 2-Cell, 8-A Switched Cap Parallel Battery Charger with Integrated Protection and Dual-Input Selector
More results


Similar Description - BQ25980

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25882 TI1-BQ25882 Datasheet
203Kb / 8P
I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
BQ25882 TI1-BQ25882_18 Datasheet
204Kb / 9P
I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
BQ25887 TI1-BQ25887 Datasheet
2Mb / 79P
I2C Controlled 2-Cell, 2-A boost-mode battery charger with power path cell balancing for USB input
BQ25887_1904 TI1-BQ25887_1904 Datasheet
2Mb / 83P
I2C Controlled 2-Cell, 2-A boost-mode battery charger with power path cell balancing for USB input
BQ25980 TI-BQ25980 Datasheet
1Mb / 10P
BQ25980 I2C Controlled, 2-Cell, 8-A Switched Cap Parallel Battery Charger with Integrated Protection and Dual-Input Selector
BQ25672 TI-BQ25672 Datasheet
2Mb / 124P
BQ25672 I2C Controlled, 1-4 Cell, 3-A Buck Battery Charger with Dual-Input Selector and Integrated ADC
BQ25960 TI-BQ25960 Datasheet
1Mb / 72P
BQ25960 I2C Controlled, Single Cell 8-A Switched Cap Parallel Battery Charger with Integrated Bypass Mode and Dual-Input Selector
BQ24179 TI-BQ24179 Datasheet
3Mb / 126P
BQ24179 I2C Controlled, 1- to 4-Cell, 5-A Buck-Boost Battery Charger with Dual-Input Selector
BQ25968 TI-BQ25968 Datasheet
2Mb / 88P
BQ25968 I2C Controlled Single Cell High Efficiency 6-A Switched Cap Fast Charger With ADC
BQ25960H TI1-BQ25960H Datasheet
2Mb / 82P
BQ25960H I2C Controlled, Single Cell 8-A Switched Cap Parallel Battery Charger with Integrated Bypass Mode and Dual-Input Selector
DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com