Electronic Components Datasheet Search
  English  ▼

X  

MBI5016CP Datasheet (PDF) - List of Unclassifed Manufacturers

MBI5016CP Datasheet PDF - List of Unclassifed Manufacturers
Part # MBI5016CP
Download  MBI5016CP Download
File Size   277.27 Kbytes
Page   13 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 16-bit Constant Current LED Sink Driver

MBI5016CP Datasheet (PDF)

Go To PDF Page Download Datasheet
MBI5016CP Datasheet PDF - List of Unclassifed Manufacturers

Part # MBI5016CP
Download  MBI5016CP Click to download

File Size   277.27 Kbytes
Page   13 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 16-bit Constant Current LED Sink Driver

MBI5016CP Datasheet (HTML) - List of Unclassifed Manufacturers


MBI5016CP Product details

[Macroblock, Inc.]

Product Description
MBI5025  is  designed  for  LED  displays.  As  an  enhancement  of  its  predecessor,  MBI5016,
MBI5025  exploits  PrecisionDrive™  technology  to  enhance  its  output  characteristics. MBI5025 contains  a  serial  buffer  and  data  latches  which  convert  serial  input  data  into  parallel  output format.  At  MBI5025  output  stage,  sixteen  regulated  current  ports  are  designed  to  provide uniform and constant current sinks for driving LEDs within a large range ofVf variations.

Features
• 16 constant-current output channels
• Constant output current invariant to load voltage change:
   Constant output current range: 3-50 mA
• Excellent output current accuracy:
   between channels: ±3% (max.), and
   between ICs: ±6% (max.)
• Output current adjusted through an external resistor
• Fast response of output current, OE (min.): 400 ns
• 25MHz clock frequency
• Schmitt trigger input
• 3.3V / 5V supply voltage




Similar Part No. - MBI5016CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5016CP ETC-MBI5016CP Datasheet
280Kb / 11P
16-bit Constant Current LED Sink Driver
MBI5016CP ETC1-MBI5016CP Datasheet
378Kb / 17P
16-bit Constant Current LED Sink Driver
More results


Similar Description - MBI5016CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
16-bit Constant Current LED Sink Driver
MBI5016 ETC-MBI5016 Datasheet
280Kb / 11P
16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
03-Aug-2004
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
16-bit Constant Current LED Sink Driver
logo
Protek Devices
PA5026 PROTEC-PA5026 Datasheet
246Kb / 10P
16-Bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16C596A STMICROELECTRONICS-STP16C596A Datasheet
541Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
25-Jul-2005
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
16-BIT CONSTANT CURRENT LED SINK DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com