Electronic Components Datasheet Search
  English  ▼

X  

350449102 Datasheet (PDF) - Molex Electronics Ltd.

350449102 Datasheet PDF - Molex Electronics Ltd.
Part # 350449102
Download  350449102 Download
File Size   63.33 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 2.00mm Pitch Board-In Crimp Terminals, 24 AWG, UL1007 and UL1061 Wire

350449102 Datasheet (PDF)

Go To PDF Page Download Datasheet
350449102 Datasheet PDF - Molex Electronics Ltd.

Part # 350449102
Download  350449102 Click to download

File Size   63.33 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 2.00mm Pitch Board-In Crimp Terminals, 24 AWG, UL1007 and UL1061 Wire

350449102 Datasheet (HTML) - Molex Electronics Ltd.


350449102 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description Hand Crimp Tool for 2.00mm Pitch
Board-In Crimp Terminals, 24 AWG,
UL1007 and UL1061 Wire
Comments See Tooling Specification (PDF)
Above
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name Board-in
Tool Type Hand Crimp Tool
UPC 195842284326
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 350449102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
350449102 MOLEX-350449102 Datasheet
63Kb / 3P
Hand Crimp Tool for 2.00mm Pitch Board-In Crimp Terminals, 0.22mm² and 0.35mm², FLRY-A Wire
Jun 18, 2025
350449102 MOLEX-350449102 Datasheet
63Kb / 3P
Hand Crimp Tool for 2.00mm Pitch Board-In Crimp Terminals, 26 AWG, UL1007 and UL1061 Wire
Jun 18, 2025
350449102 MOLEX-350449102 Datasheet
63Kb / 3P
Hand Crimp Tool for 2.00mm Board-In Crimp Terminals, 28 AWG, UL1007 and UL1061 Wire
Jun 18, 2025
More results


Similar Description - 350449102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63823-4900 MOLEX11-63823-4900 Datasheet
40Kb / 1P
Hand Crimp Tool for 2.00mm Pitch Board-In Crimp Terminals
0638275600 MOLEX11-0638275600 Datasheet
64Kb / 1P
Hand Crimp Tool for Nano-Fit Receptacle Terminals, 20-22 AWG UL1061 wire and 22 AWG UL1007 wire
0638276000 MOLEX11-0638276000 Datasheet
64Kb / 1P
Hand Crimp Tool for Nano-Fit Receptacle Terminals, 24 AWG and 26 AWG, UL1061 and UL1007 Insulations
2002184200 MOLEX-2002184200 Datasheet
31Kb / 1P
Hand Crimp Tool for Board-In Crimp Terminals, 22-24 AWG
11/02/2021
2133094800 MOLEX-2133094800 Datasheet
41Kb / 2P
Hand Crimp Tool for Micro-Fit and Micro-Fit TPA Crimp Terminals, 26 AWG, UL1007 and UL1061 Wires
03/11/2022
0638234900 MOLEX-0638234900 Datasheet
33Kb / 1P
Hand Crimp Tool for 2.00mm Pitch Board-in Crimp Terminals
08/26/2022
2133092400 MOLEX-2133092400 Datasheet
21Kb / 1P
Hand Crimp Tool for 2.00mm Pitch Board-In Crimp Terminals, 24AWG, UL1007 and UL1061 Wire
08/25/2022
2133092900 MOLEX-2133092900 Datasheet
21Kb / 1P
Hand Crimp Tool for 2.00mm Pitch Board-In Crimp Terminals, 26 AWG, UL1007 and UL1061 Wire
08/25/2022
2133094900 MOLEX-2133094900 Datasheet
30Kb / 2P
Hand Crimp Tool for Micro-Fit and Micro-Fit TPA Crimp Terminals, 28 AWG, UL1007 and UL1061 Wires
08/25/2022
2133095000 MOLEX-2133095000 Datasheet
30Kb / 2P
Hand Crimp Tool for Micro-Fit and Micro-Fit TPA Crimp Terminals, 30 AWG, UL1007 and UL1061 Wires
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com