Electronic Components Datasheet Search
  English  ▼

X  

2000963161 Datasheet (PDF) - Molex Electronics Ltd.

2000963161 Datasheet PDF - Molex Electronics Ltd.
Part # 2000963161
Download  2000963161 Download
File Size   63.71 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for TAK50 Receptacle Crimp Terminals, Large Grip, 0.35mm² Wire

2000963161 Datasheet (PDF)

Go To PDF Page Download Datasheet
2000963161 Datasheet PDF - Molex Electronics Ltd.

Part # 2000963161
Download  2000963161 Click to download

File Size   63.71 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for TAK50 Receptacle Crimp Terminals, Large Grip, 0.35mm² Wire

2000963161 Datasheet (HTML) - Molex Electronics Ltd.


2000963161 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description Hand Crimp Tool for TAK50
Receptacle Crimp Terminals, Large
Grip, 0.35mm² Wire
Comments See Tooling Specification (PDF)
Above
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name TAK50
Tool Type Hand Crimp Tool
UPC 193264742028
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 2000963161

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2000963101 MOLEX-2000963101 Datasheet
92Kb / 3P
Crimp Terminals
Mar 06, 2025
More results


Similar Description - 2000963161

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
200218-4300 MOLEX-200218-4300 Datasheet
978Kb / 7P
Hand Crimp Tool for CTX50 Small Grip Sealed Receptacle Crimp Terminals
02-14-20
213309-2000 MOLEX-213309-2000 Datasheet
1,012Kb / 6P
Hand Crimp Tool for TAK50 Receptacle Crimp Terminals
09-03-21
213309-2100 MOLEX-213309-2100 Datasheet
1,013Kb / 6P
Hand Crimp Tool for TAK50 Receptacle Crimp Terminals
09-08-21
213309-2800 MOLEX-213309-2800 Datasheet
851Kb / 8P
Hand Crimp Tool for CTX50 Unsealed Blade Large Grip Crimp Terminals
08-27-21
2133090500 MOLEX-2133090500 Datasheet
824Kb / 7P
Hand Crimp Tool for TPX50-50 Large Grip Receptacle Crimp Terminals
09-03-20
2133093000 MOLEX-2133093000 Datasheet
823Kb / 7P
Hand Crimp Tool for MXCD64 Sealed Receptacle Medium Grip Crimp Terminals
2133093000
0638080510 MOLEX-0638080510 Datasheet
44Kb / 1P
FA2 Pneumatic Feed Crimp Applicator for TAK50 Large Grip Terminals
09/13/2022
0638082210 MOLEX-0638082210 Datasheet
46Kb / 1P
FA2 Pneumatic Feed Crimp Applicator for CTX50 Large Grip Receptacle Terminals, 0.35mm² Wire
08/26/2022
2133095400 MOLEX-2133095400 Datasheet
20Kb / 1P
Hand Crimp Tool for TPX120 Large Grip Sealed Receptacle Crimp Terminals, 1.0mm² and 1.5mm² Wires
08/25/2022
2133097600 MOLEX-2133097600 Datasheet
29Kb / 1P
Hand Crimp Tool for TPX50-50 Large Grip Receptacle Crimp Terminals, 0.50mm² FLR91X-A XLPO Wire.
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com