Electronic Components Datasheet Search
  English  ▼

X  

MOC3041 Datasheet (PDF) - SYC Electronica

MOC3041 Datasheet PDF - SYC Electronica
Part # MOC3041
Download  MOC3041 Download
File Size   195.97 Kbytes
Page   8 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT

MOC3041 Datasheet (PDF)

Go To PDF Page Download Datasheet
MOC3041 Datasheet PDF - SYC Electronica

Part # MOC3041
Download  MOC3041 Click to download

File Size   195.97 Kbytes
Page   8 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT

MOC3041 Datasheet (HTML) - SYC Electronica


MOC3041 Product details

FEATURES
• Simplifies logic control of 115 VAC power
• Zero voltage crossing
• dv/dt of 2000 V/μs typical, 1000 V/μs guaranteed
• VDE recognized (File # 94766)
-ordering option V (e.g., MOC3043VM)




Similar Part No. - MOC3041

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
List of Unclassifed Man...
MOC3041 ETC-MOC3041 Datasheet
84Kb / 4P
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
logo
Guangdong Youtai Semico...
MOC3041 UMW-MOC3041 Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3041 UMW-MOC3041 Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
MOC3041 UMW-MOC3041 Datasheet
2Mb / 6P
Zero Crossing Phase Triac Driven Optocoupler
More results


Similar Description - MOC3041

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3061 MOTOROLA-MOC3061 Datasheet
290Kb / 6P
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
Fairchild Semiconductor
MOC3031M FAIRCHILD-MOC3031M Datasheet
520Kb / 11P
6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3081M FAIRCHILD-MOC3081M Datasheet
543Kb / 11P
6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081M FAIRCHILD-MOC3081M_05 Datasheet
537Kb / 11P
6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3082M FAIRCHILD-MOC3082M Datasheet
293Kb / 11P
6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com