Electronic Components Datasheet Search
  English  ▼

X  

2002181300 Datasheet (PDF) - Molex Electronics Ltd.

2002181300 Datasheet PDF - Molex Electronics Ltd.
Part # 2002181300
Download  2002181300 Download
File Size   61.91 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for ValuSeal Terminals, 16 AWG UL1007 / UL1569 Wire

2002181300 Datasheet (PDF)

Go To PDF Page Download Datasheet
2002181300 Datasheet PDF - Molex Electronics Ltd.

Part # 2002181300
Download  2002181300 Click to download

File Size   61.91 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for ValuSeal Terminals, 16 AWG UL1007 / UL1569 Wire

2002181300 Datasheet (HTML) - Molex Electronics Ltd.


2002181300 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description Hand Crimp Tool for ValuSeal
Terminals, 16 AWG UL1007 /
UL1569 Wire
Comments See Tooling Specification (PDF)
Above
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name ValuSeal
Tool Type Hand Crimp Tool
UPC 191128046282
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 2002181300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2002181300 MOLEX-2002181300 Datasheet
20Kb / 1P
Hand Crimp Tool for ValuSeal Terminals, 16 AWG UL1007 / UL1569 Wire
08/25/2022
More results


Similar Description - 2002181300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638275600 MOLEX11-0638275600 Datasheet
64Kb / 1P
Hand Crimp Tool for Nano-Fit Receptacle Terminals, 20-22 AWG UL1061 wire and 22 AWG UL1007 wire
200218-1300 MOLEX-200218-1300 Datasheet
463Kb / 6P
Hand Crimp Tool for ValuSeal Crimp Terminals
08-25-17
2133090300 MOLEX-2133090300 Datasheet
38Kb / 1P
Hand Crimp Tool for KK Plus 250 Female Crimp Terminals, 22-28 AWG, UL1007 Wire
04/23/2022
ATS-2002181300 MOLEX-ATS-2002181300 Datasheet
463Kb / 6P
Hand Crimp Tool for ValuSeal Crimp Terminals
08-25-17
0638278200 MOLEX-0638278200 Datasheet
20Kb / 1P
Hand Crimp Tool for ValuSeal Terminals, 16 AWG UL1061, 18 AWG UL1007 and 18 AWG UL1095 Wires
8/25/2022
0639036000 MOLEX-0639036000 Datasheet
31Kb / 1P
FineAdjust Applicator for ValuSeal Terminals, 16 AWG UL1569 Wires
08/26/2022
2002181300 MOLEX-2002181300 Datasheet
20Kb / 1P
Hand Crimp Tool for ValuSeal Terminals, 16 AWG UL1007 / UL1569 Wire
08/25/2022
2133092900 MOLEX-2133092900 Datasheet
21Kb / 1P
Hand Crimp Tool for 2.00mm Pitch Board-In Crimp Terminals, 26 AWG, UL1007 and UL1061 Wire
08/25/2022
2133095100 MOLEX-2133095100 Datasheet
28Kb / 1P
Hand Crimp Tool for CP-3.3 Receptacle Crimp Terminals, 22-28 AWG, UL1007 Wire
08/25/2022
2133095300 MOLEX-2133095300 Datasheet
28Kb / 1P
Hand Crimp Tool for CP-3.3 Receptacle Crimp Terminals, 18-20 AWG, UL1007 Wire
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com