Electronic Components Datasheet Search
  English  ▼

X  

IRF9630 Datasheet (PDF) - SYC Electronica

IRF9630 Datasheet PDF - SYC Electronica
Part # IRF9630
Download  IRF9630 Download
File Size   146.32 Kbytes
Page   6 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs

IRF9630 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9630 Datasheet PDF - SYC Electronica

Part # IRF9630
Download  IRF9630 Click to download

File Size   146.32 Kbytes
Page   6 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs

IRF9630 Datasheet (HTML) - SYC Electronica


IRF9630 Product details

Features
• 6.5A, 200V
• r
DS(ON)
= 0.800
Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”




Similar Part No. - IRF9630

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF9630 SAMSUNG-IRF9630 Datasheet
508Kb / 12P
P-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRF9630 INTERSIL-IRF9630 Datasheet
63Kb / 7P
6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs
July 1999
logo
International Rectifier
IRF9630 IRF-IRF9630 Datasheet
175Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
logo
Vishay Siliconix
IRF9630 VISHAY-IRF9630 Datasheet
547Kb / 8P
Power MOSFET
16-Jun-08
logo
Kersemi Electronic Co.,...
IRF9630 KERSEMI-IRF9630 Datasheet
2Mb / 7P
Power MOSFET
More results


Similar Description - IRF9630

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF620 INTERSIL-IRF620 Datasheet
54Kb / 7P
5.0A, 200V, 0.800 Ohm, N-Channel Power MOSFET
June 1999
IRF9230 INTERSIL-IRF9230 Datasheet
72Kb / 7P
-5.5A and -6.5A, -150V and -200V, 0.8 and 1.2 Ohm, P-Channel Power MOSFETs
January 1998
IRF9630 INTERSIL-IRF9630 Datasheet
63Kb / 7P
6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs
July 1999
IRF9640 INTERSIL-IRF9640 Datasheet
63Kb / 7P
11A, 200V, 0.500 Ohm, P-Channel Power MOSFETs
July 1999
IRFD220 INTERSIL-IRFD220 Datasheet
51Kb / 6P
0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
July 1999
IRFF220 INTERSIL-IRFF220 Datasheet
325Kb / 7P
3.5A, 200V, 0.800 Ohm, N-Channel Power MOSFET
March 1999
IRFF9230 INTERSIL-IRFF9230 Datasheet
328Kb / 7P
-4.0A, -200V, 0.800 Ohm, P-Channel Power MOSFET
February 1999
IRFR220 INTERSIL-IRFR220 Datasheet
55Kb / 7P
4.6A, 200V, 0.800 Ohm, N-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
2N6790 FAIRCHILD-2N6790 Datasheet
86Kb / 7P
3.5A, 200V, 0.800 Ohm, N-Channel Power
IRFD220 FAIRCHILD-IRFD220 Datasheet
91Kb / 7P
0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com