Electronic Components Datasheet Search
  English  ▼

X  

DS26F32MQML Datasheet (PDF) - Texas Instruments

DS26F32MQML Datasheet PDF - Texas Instruments
Part # DS26F32MQML
Download  DS26F32MQML Download
File Size   509.03 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS26F32MQML Quad Differential Line Receivers

DS26F32MQML Datasheet (PDF)

Go To PDF Page Download Datasheet
DS26F32MQML Datasheet PDF - Texas Instruments

Part # DS26F32MQML
Download  DS26F32MQML Click to download

File Size   509.03 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS26F32MQML Quad Differential Line Receivers

DS26F32MQML Datasheet (HTML) - Texas Instruments


DS26F32MQML Product details

1FEATURES
2• Input Voltage Range of ±7.0V (Differential or
Common Mode) ±0.2V Sensitivity over the
Input Voltage Range
• High Input Impedance
• Operation from Single +5.0V Supply
• Input Pull-Down Resistor Prevents Output
Oscillation on Unused Channels
• TRI-STATE Outputs, with Choice of
Complementary Enables, for Receiving
Directly onto a Data Bus

DESCRIPTION
The DS26F32 is a quad differential line receiver
designed to meet the requirements of EIA Standards
RS-422 and RS-423, and Federal Standards 1020
and 1030 for balanced and unbalanced digital data
transmission.
The DS26F32 offers improved performance due to
the use of state-of-the-art L-FAST bipolar technology.
The L-FAST technology allows for higher speeds and
lower currents by utilizing extremely short gate delay
times. Thus, the DS26F32 features lower power,
extended temperature range, and improved
specifications.
The device features an input sensitivity of 200 mV
over the input common mode range of ±7.0V. The
DS26F32 provides an enable function common to all
four receivers and TRI-STATE outputs with 8.0 mA
sink capability. Also, a fail-safe input/output
relationship keeps the outputs high when the inputs
are open.
The DS26F32 offers optimum performance when
used with the DS26F31 Quad Differential Line Driver.




Similar Part No. - DS26F32MQML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26F32MQML NSC-DS26F32MQML Datasheet
665Kb / 11P
DS26F32MQML
logo
Texas Instruments
DS26F32MQML TI1-DS26F32MQML Datasheet
435Kb / 15P
DS26F32MQML Quad Differential Line Receivers
DS26F32MQML-SP TI1-DS26F32MQML-SP Datasheet
435Kb / 15P
DS26F32MQML Quad Differential Line Receivers
DS26F32MQML TI1-DS26F32MQML_16 Datasheet
435Kb / 15P
DS26F32MQML Quad Differential Line Receivers
More results


Similar Description - DS26F32MQML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
Quad Differential Line Receivers
DS26LS32AC NSC-DS26LS32AC Datasheet
201Kb / 8P
Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI-MC3450 Datasheet
139Kb / 9P
QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
Quad Differential Line Receivers
logo
Texas Instruments
DS26LS32MQML TI1-DS26LS32MQML Datasheet
605Kb / 12P
DS26LS32MQML Quad Differential Line Receivers
5962-7802006QEA TI-5962-7802006QEA Datasheet
291Kb / 11P
DS26LS32MQML Quad Differential Line Receivers
DS26F32MQML TI1-DS26F32MQML_16 Datasheet
435Kb / 15P
DS26F32MQML Quad Differential Line Receivers
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
QUAD DIFFERENTIAL LINE RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com