Electronic Components Datasheet Search
  English  ▼

X  

BC556B Datasheet (PDF) - SYC Electronica

BC556B Datasheet PDF - SYC Electronica
Part # BC556B
Download  BC556B Download
File Size   117.45 Kbytes
Page   7 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description PNP AUDIO 100MA 65V 500MW TO92

BC556B Datasheet (PDF)

Go To PDF Page Download Datasheet
BC556B Datasheet PDF - SYC Electronica

Part # BC556B
Download  BC556B Click to download

File Size   117.45 Kbytes
Page   7 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description PNP AUDIO 100MA 65V 500MW TO92

BC556B Datasheet (HTML) - SYC Electronica


BC556B Product details

Features
• Pb−Free Packages are Available*




Similar Part No. - BC556B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC556B MOTOROLA-BC556B Datasheet
220Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
BC556B ONSEMI-BC556B Datasheet
158Kb / 6P
Amplifier Transistors(PNP Silicon)
1996
logo
NXP Semiconductors
BC556B PHILIPS-BC556B Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 15
logo
Siemens Semiconductor G...
BC556B SIEMENS-BC556B Datasheet
213Kb / 6P
PNP SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
BC556B BOCA-BC556B Datasheet
58Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Similar Description - BC556B

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1465 NTE-NTE1465 Datasheet
21Kb / 2P
Integrated Circuit Audio Power Amplifier, 500mW
NTE745 NTE-NTE745 Datasheet
20Kb / 2P
Integrated Circuit Audio Amplifier, 500mW
logo
Zarlink Semiconductor I...
SL6310C ZARLINK-SL6310C Datasheet
58Kb / 4P
500mW SWITCHABLE AUDIO AMPLIFIER/OP AMP
logo
Rohm
DTA123YCA ROHM-DTA123YCA Datasheet
1,013Kb / 8P
PNP -100mA -50V Digital Transistor
DTA043E ROHM-DTA043E Datasheet
1Mb / 10P
PNP -100mA -50V Digital Transistor
logo
Diodes Incorporated
BC856AS DIODES-BC856AS_17 Datasheet
542Kb / 6P
65V DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Rev 9
BC856ASQ DIODES-BC856ASQ Datasheet
485Kb / 6P
65V DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Rev 1
BC856BWQ DIODES-BC856BWQ Datasheet
349Kb / 5P
65V PNP SMALL SIGNAL TRANSISTOR IN SOT323
December 2020 Rev. 1 - 2
logo
List of Unclassifed Man...
BT1690 ETC-BT1690 Datasheet
84Kb / 1P
TO92 package unidirectional thyristor
CD7313GS ETC2-CD7313GS Datasheet
202Kb / 4P
500mW audio power amplifier circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com