Electronic Components Datasheet Search
  English  ▼

X  

6N135 Datasheet (PDF) - SYC Electronica

6N135 Datasheet PDF - SYC Electronica
Part # 6N135
Download  6N135 Download
File Size   315.1 Kbytes
Page   11 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Single-Channel: 6N135, 6N136, HCPL2503, HCPL4502

6N135 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N135 Datasheet PDF - SYC Electronica

Part # 6N135
Download  6N135 Click to download

File Size   315.1 Kbytes
Page   11 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Single-Channel: 6N135, 6N136, HCPL2503, HCPL4502

6N135 Datasheet (HTML) - SYC Electronica


6N135 Product details

Features
■
High speed –1 MBit/s
■
Superior CMR – 10kV/μs
■
Dual-Channel HCPL2530/HCPL2531
■
Double working voltage – 480V RMS
■
CTR guaranteed 0–70°C
■
U.L. recognized (File # E90700)
Applications
■
Line receivers
■
Pulse transformer replacement
■
Output interface to CMOS-LSTTL-TTL
■
Wide bandwidth analog coupling

Description
The HCPL4502, HCPL2503, 6N135, 6N136, HCPL2530
and HCPL2531 optocouplers consist of an AlGaAs
LED optically coupled to a high speed photodetector
transistor.
A separate connection for the bias of the photodiode
improves the speed by several orders of magnitude over
conventional phototransistor optocouplers by reducing
the base-collector capacitance of the input transistor.
An internal noise shield provides superior common
mode rejection of 10kV/μs. An improved package allows
superior insulation permitting a 480V working voltage
compared to industry standard of 220V.




Similar Part No. - 6N135

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Sharp Corporation
6N135 SHARP-6N135 Datasheet
72Kb / 5P
General Purpose Type Photocoupler
logo
Siemens Semiconductor G...
6N135 SIEMENS-6N135 Datasheet
85Kb / 3P
HIGH-SPEED 2.5 kV TRIOS OPTOCOUPLER
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Similar Description - 6N135

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODB100 FAIRCHILD-FODB100 Datasheet
143Kb / 8P
SINGLE CHANNEL MICROCOUPLER?
logo
List of Unclassifed Man...
310B ETC-310B Datasheet
49Kb / 1P
SINGLE-CHANNEL AUDIO
logo
International Rectifier
IR2117SPBF IRF-IR2117SPBF Datasheet
161Kb / 18P
SINGLE CHANNEL DRIVER
logo
List of Unclassifed Man...
MMC4067 ETC-MMC4067 Datasheet
210Kb / 5P
SINGLE 16-CHANNEL
logo
International Rectifier
IRS2117PBF IRF-IRS2117PBF Datasheet
378Kb / 19P
SINGLE CHANNEL DRIVER
IRS2117PBF IRF-IRS2117PBF_15 Datasheet
902Kb / 26P
SINGLE CHANNEL DRIVER
logo
Sames
SA4104AB SAMES-SA4104AB Datasheet
564Kb / 18P
Single Channel Single Phase Energy
SA4106A SAMES-SA4106A Datasheet
568Kb / 18P
Single Channel Single Phase Energy
logo
Jingjing Microelectroni...
EG8305 EGMICRO-EG8305 Datasheet
660Kb / 11P
SIngle-channel D
logo
AiT Semiconductor Inc.
AM7401 AITSEMI-AM7401 Datasheet
640Kb / 8P
SINGLE P-CHANNEL
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com