Electronic Components Datasheet Search
  English  ▼

X  

AV200R Datasheet (PDF) - Infinite Electronics International, Inc.

AV200R Datasheet PDF - Infinite Electronics International, Inc.
Part # AV200R
Download  AV200R Download
File Size   348.61 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADDERLink AV200 Series

AV200R Datasheet (PDF)

Go To PDF Page Download Datasheet
AV200R Datasheet PDF - Infinite Electronics International, Inc.

Part # AV200R
Download  AV200R Click to download

File Size   348.61 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADDERLink AV200 Series

AV200R Datasheet (HTML) - Infinite Electronics International, Inc.


AV200R Product details

FEATURES
Video performance
Industry leading resolutions of 1600x1200
are achievableat 200m (650ft) and
1280x1024 at 300m (1000ft).
Display Management via RS232
Included with AV200 transmitters, the
Display Management Software gives
users control and interaction with display
devices over the integrated RS232
ports. This allows for bi-directional and
automated communication with individual
screens, groups of screens or all screens
at the same time.
Video compensation and brightness
control
The ADDERLink AV units can apply a
high level of signal compensation and
brightness correction that ensures the
image is crisp, clear and bright over long
distances.
Audio
Digital audio transmission delivers high
fidelity; click-less audio for speakers and
microphones.
Integrated DeSkew
The ADDERLink AV201R has integrated
skew correction with a 300MHz
bandwidth, meaning that it is more than
powerful enough to counteract the
negative effects of the skew.
Rack options
Both transmitter and receiver units can
be used standalone or can be mounted
into a 3U chassis, (up to 16 200T, 200R
and 201T units or 8 204T and 208T units).
The Adder Difference
With 25 years of experience, Adder has
an impressive track record for bringing
innovative and successful products to
market and a reputation for engineering
excellence. Adder’s Digital Signage
solutions give you the simplicity you need
to get installations done on time and on
budget.
Adder’s solutions offer a no-nonsense
straightforward approach to Digital
Signage installation and configuration.
The AV Series is ideal for use in a variety
of multimedia venues:
• Retail
• Hospitality
• Medical
• Education
• Transportation




Similar Part No. - AV200R

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AV200R L-COM-AV200R Datasheet
348Kb / 2P
ADDERLink AV200 Series
AV200R L-COM-AV200R Datasheet
348Kb / 2P
ADDERLink AV200 Series
AV200R L-COM-AV200R Datasheet
348Kb / 2P
ADDERLink AV200 Series
More results


Similar Description - AV200R

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com