Electronic Components Datasheet Search
  English  ▼

X  

DAC715UB Datasheet (PDF) - Texas Instruments

DAC715UB Datasheet PDF - Texas Instruments
Part # DAC715UB
Download  DAC715UB Download
File Size   294.01 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface

DAC715UB Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC715UB Datasheet PDF - Texas Instruments

Part # DAC715UB
Download  DAC715UB Click to download

File Size   294.01 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface

DAC715UB Datasheet (HTML) - Texas Instruments


DAC715UB Product details

FEATURES
HIGH-SPEED 16-BIT PARALLEL DOUBLEBUFFERED
INTERFACE
VOLTAGE OUTPUT: 0 to +10V
13-, 14-, 15-BIT LINEARITY GRADES
16-BIT MONOTONIC OVER
TEMPERATURE (L GRADE)
POWER DISSIPATION: 600mW max
GAIN AND OFFSET ADJUST: Convenient
for Auto-Cal D/A Converters
28-LEAD DIP AND SOIC PACKAGES

DESCRIPTION
The DAC715 is a complete monolithic digital-toanalog
converter including a +10V temperature compensated
reference, current-to-voltage amplifier, 16-bit
parallel interface that is double buffered, and an asynchronous
clear function which immediately sets the
output voltage to one-half of full-scale.
The output voltage range is 0 to +10V while operating
from ±12V or ±15V supplies. The gain and bipolar
offset adjustments are designed so that they can be set
via external potentiometers or external D/A converters.
The output amplifier is protected against short circuit to
ground.
The 28-pin DAC715 is available in a 0.3" plastic DIP
and wide-body plastic SOIC package. The DAC715P,
U, PB, and UB are specified over the –40°C to +85°C
temperature range while the DAC715PK, UK, PL, and
UL are specified over the 0°C to +70°C range.




Similar Part No. - DAC715UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC715UB BURR-BROWN-DAC715UB Datasheet
288Kb / 11P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Texas Instruments
DAC715UB TI1-DAC715UB Datasheet
230Kb / 14P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC715UBG4 TI1-DAC715UBG4 Datasheet
230Kb / 14P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
More results


Similar Description - DAC715UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
logo
Texas Instruments
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com