Electronic Components Datasheet Search
  English  ▼

X  

190080063 Datasheet (PDF) - Molex Electronics Ltd.

190080063 Datasheet PDF - Molex Electronics Ltd.
Part # 190080063
Download  190080063 Download
File Size   46.39 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool Krimptite Quick Disconnects

190080063 Datasheet (PDF)

Go To PDF Page Download Datasheet
190080063 Datasheet PDF - Molex Electronics Ltd.

Part # 190080063
Download  190080063 Click to download

File Size   46.39 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool Krimptite Quick Disconnects

190080063 Datasheet (HTML) - Molex Electronics Ltd.


190080063 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description Hand Crimp Tool Krimptite Quick
Disconnects
Comments See Tooling Specification (PDF)
Above. Type RHT
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name PremiumGrade
Tool Type Hand Crimp Tool
UPC 887191340821
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 190080063

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190080001 MOLEX4-190080001 Datasheet
111Kb / 2P
Flag Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab4.75mm (.187") x 0.51mm (.020")
190080001 MOLEX-190080001 Datasheet
62Kb / 4P
PremiumGrade Hand Crimp Tool for Flag Krimptite/Vibrakrimp Un-insulated Female Quick Disconnect Terminals, 22-14 AWG
Jun 13, 2025
190080002 MOLEX-190080002 Datasheet
62Kb / 4P
PremiumGrade Hand Crimp Tool for Flag Krimptite/Vibrakrimp Un-insulated Female Quick Disconnect Terminals, 22-14 AWG
Jun 13, 2025
190080004 MOLEX4-190080004 Datasheet
109Kb / 2P
Flag Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar TapeTab 4.75mm (.187") x 0.51mm (.020
190080006 MOLEX4-190080006 Datasheet
109Kb / 2P
Flag Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab6.35mm (.250") x 0.81mm (.032")
More results


Similar Description - 190080063

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63827-1200 MOLEX11-63827-1200 Datasheet
32Kb / 1P
Hand Crimp Tool Quick Disconnect, Female Crimp Terminals
0640031500 MOLEX11-0640031500 Datasheet
31Kb / 1P
Hand Tool for High Temperature Female Quick Disconnects
0640031600 MOLEX11-0640031600 Datasheet
31Kb / 1P
Hand Crimp Tool Krimptite Quick Disconnects
63827-9300 MOLEX-63827-9300 Datasheet
1Mb / 7P
Hand Crimp Tool Quick Disconnect, Female Crimp Terminals
12-02-15
ATS-638271200 MOLEX-ATS-638271200 Datasheet
658Kb / 7P
Hand Crimp Tool Quick Disconnect, Female Crimp Terminals
12-04-13
0640037300 MOLEX-0640037300 Datasheet
33Kb / 2P
Right Hand Crimp Tool for Female Non-Insulated Standard Quick Disconnects, 12-16 AWG Wire
01/25/2022
200218-0900 MOLEX-200218-0900 Datasheet
671Kb / 7P
Hand Crimp Tool Quick Disconnect, Female Crimp Terminals
02-08-21
ATS-638279300 MOLEX-ATS-638279300 Datasheet
1Mb / 7P
Hand Crimp Tool Quick Disconnect, Female Crimp Terminals
12-02-15
200218-0900 MOLEX2-200218-0900 Datasheet
671Kb / 7P
Hand Crimp Tool Quick Disconnect, Female Crimp Terminals
02-08-21
0638271200 MOLEX-0638271200 Datasheet
23Kb / 1P
Hand Crimp Tool Quick Disconnect, Female Crimp Terminals
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com