Electronic Components Datasheet Search
  English  ▼

X  

SIT9102 Datasheet (PDF) - SiTime Corp.

SIT9102 Datasheet PDF - SiTime Corp.
Part # SIT9102
Download  SIT9102 Download
File Size   1113.21 Kbytes
Page   13 Pages
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.
Description 1 to 220 MHz High Performance Oscillator

SIT9102 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIT9102 Datasheet PDF - SiTime Corp.

Part # SIT9102
Download  SIT9102 Click to download

File Size   1113.21 Kbytes
Page   13 Pages
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.
Description 1 to 220 MHz High Performance Oscillator

SIT9102 Datasheet (HTML) - SiTime Corp.


SIT9102 Product details

Features
• Extremely low RMS phase jitter (random)
• <1 ps (typical)
• Wide frequency range
• 1 MHz to 220 MHz
• 220 MHz to 800 MHz refer to SiT9107
• High frequency stability
• ±10 PPM, ±15 PPM, ±20 PPM
• ±25 PPM, ±50 PPM
• Operating voltage
• 1.8, 2.5 or 3.3 V
• Other voltages up to 3.63 V (contact SiTime)
• Operating temperature range
• Industrial, -40 to 85 °C
• Extended Commercial, -20 to 70 °C
• Commercial, 0 to 70 °C
• Small footprint
• 5.0 x 3.2 x 0.75 mm
• 7.0 x 5.0 x 0.90 mm
• Pb-free and RoHS compliant
• For Spread Spectrum see SiT9002
• Ultra-reliable start up and greater immunity from inter
ference

Benefits
• Ultra fast lead time: 2 to 3 weeks
• No crystal or capacitors required
• Eliminates crystal qualification time
• 50% + board saving space
• More cost effective than quartz oscillators, quartz crystals
and clock ICs.
• Completely quartz-free

Applications
• Server
• Router
• RAID controller
• Gigabit Ethernet
• 10 Gigabit Ethernet
• Fiber Channel
• SATA / SAS
• PCI-Express
• Fully Buffered DIMM
• System clock
• Networking and computing




Similar Part No. - SIT9102

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT9102 SITIME-SIT9102 Datasheet
1Mb / 13P
1 to 220 MHz High Performance Oscillator
June 23, 2010 Rev. 1.52
SIT9102AC-031H18E SITIME-SIT9102AC-031H18E Datasheet
1Mb / 13P
1 to 220 MHz High Performance Oscillator
June 23, 2010 Rev. 1.52
SIT9102AC-031H18S SITIME-SIT9102AC-031H18S Datasheet
1Mb / 13P
1 to 220 MHz High Performance Oscillator
June 23, 2010 Rev. 1.52
SIT9102AC-031H25E SITIME-SIT9102AC-031H25E Datasheet
1Mb / 13P
1 to 220 MHz High Performance Oscillator
June 23, 2010 Rev. 1.52
SIT9102AC-031H25S SITIME-SIT9102AC-031H25S Datasheet
1Mb / 13P
1 to 220 MHz High Performance Oscillator
June 23, 2010 Rev. 1.52
More results


Similar Description - SIT9102

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MO-9100A VECTRON-MO-9100A Datasheet
269Kb / 5P
1-80 MHz High Performance Oscillator
MO-9150A VECTRON-MO-9150A Datasheet
356Kb / 5P
80-220 MHz High Performance Oscillator
MO-9200A VECTRON-MO-9200A Datasheet
303Kb / 6P
1-220 MHz High Performance Diff erential Oscillator
logo
SiTime Corp.
SIT5022 SITIME-SIT5022 Datasheet
485Kb / 13P
220-625 MHz High Performance Differential (VC) TCXO
SIT9002 SITIME-SIT9002 Datasheet
464Kb / 12P
LVPECL / HCSL / LVDS / CML 1 to 220 MHz High Performance Spread Spectrum Oscillator
SIT9121 SITIME-SIT9121 Datasheet
384Kb / 8P
1-220 MHz High Performance Differential Oscillator
SIT9122 SITIME-SIT9122 Datasheet
345Kb / 8P
220-625 MHz High Performance Differential Oscillator
SIT9366 SITIME-SIT9366 Datasheet
375Kb / 12P
1 to 220 MHz Ultra-low Jitter Differential Oscillator
SIT3808 SITIME-SIT3808 Datasheet
629Kb / 16P
1 MHz to 80 MHz High Performance MEMS VCXO
SIT5021 SITIME-SIT5021 Datasheet
486Kb / 13P
1-220 MHz High Performance Differential (VC) TCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com