Electronic Components Datasheet Search
  English  ▼

X  

TGS2352-2-SM Datasheet (PDF) - Qorvo, Inc

TGS2352-2-SM Datasheet PDF - Qorvo, Inc
Part # TGS2352-2-SM
Download  TGS2352-2-SM Download
File Size   659.65 Kbytes
Page   10 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 0.5 - 12 GHz High Power SPDT Reflective Switch

TGS2352-2-SM Datasheet (PDF)

Go To PDF Page Download Datasheet
TGS2352-2-SM Datasheet PDF - Qorvo, Inc

Part # TGS2352-2-SM
Download  TGS2352-2-SM Click to download

File Size   659.65 Kbytes
Page   10 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 0.5 - 12 GHz High Power SPDT Reflective Switch

TGS2352-2-SM Datasheet (HTML) - Qorvo, Inc


TGS2352-2-SM Product details

Key Features
• SPDT, Reflective
• Frequency Range: 0.5 to 12 GHz
• Input Power: up to 20 W
• Insertion Loss: <1 dB
• Isolation: −35 dB Typical
• Switching Speed: <35 ns
• Control Voltages: 0 V/−40 V
• Dimensions: 4.0 x 4.0 x 1.42 mm

Applications
• Commercial and Military Radar
• Communications
• Electronic Warfare
• Test Instrumentation
• General Purpose




Similar Part No. - TGS2352-2-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2352-2-SM TRIQUINT-TGS2352-2-SM Datasheet
701Kb / 11P
0.5 to 12 GHz High Power SPDT Reflective Switch
TGS2352-2-SM TRIQUINT-TGS2352-2-SM_15 Datasheet
701Kb / 11P
0.5 to 12 GHz High Power SPDT Reflective Switch
More results


Similar Description - TGS2352-2-SM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWML0011 MACOM-MASWML0011 Datasheet
91Kb / 1P
SPDT MMIC Reflective Miniature Switch TTL Compatible Driver, 0.5 ~ 18.0 GHz
logo
Hittite Microwave Corpo...
HMC232LP4 HITTITE-HMC232LP4_10 Datasheet
246Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
logo
TriQuint Semiconductor
TGS2352 TRIQUINT-TGS2352 Datasheet
558Kb / 10P
DC ??12 GHz High Power SPDT Switch
logo
API Technologies Corp
MASWML0010 APITECH-MASWML0010 Datasheet
162Kb / 2P
SPDT Non-Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
MASWML0012 APITECH-MASWML0012 Datasheet
162Kb / 2P
SPDT Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
logo
TriQuint Semiconductor
TGS2352 TRIQUINT-TGS2352_15 Datasheet
558Kb / 10P
DC ??12 GHz High Power SPDT Switch
TGS2352-2-SM TRIQUINT-TGS2352-2-SM_15 Datasheet
701Kb / 11P
0.5 to 12 GHz High Power SPDT Reflective Switch
TGS2353-2-SM TRIQUINT-TGS2353-2-SM_15 Datasheet
803Kb / 11P
0.5 to 18 GHz High Power SPDT Reflective Switch
logo
Custom MMIC Design Serv...
CMD215 MMIC-CMD215 Datasheet
226Kb / 9P
DC-40 GHz SPDT Reflective Switch
logo
Analog Devices
HMC232ALP4E AD-HMC232ALP4E Datasheet
595Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com