Electronic Components Datasheet Search
  English  ▼

X  

190020019 Datasheet (PDF) - Molex Electronics Ltd.

190020019 Datasheet PDF - Molex Electronics Ltd.
Part # 190020019
Download  190020019 Download
File Size   61.82 Kbytes
Page   4 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PremiumGrade Hand Crimp Tool for Avikrimp Female Full Insulated Quick Disconnect Terminals, for 22-18 AWG with Insulation Diameter no greater than 3.175mm MAX

190020019 Datasheet (PDF)

Go To PDF Page Download Datasheet
190020019 Datasheet PDF - Molex Electronics Ltd.

Part # 190020019
Download  190020019 Click to download

File Size   61.82 Kbytes
Page   4 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PremiumGrade Hand Crimp Tool for Avikrimp Female Full Insulated Quick Disconnect Terminals, for 22-18 AWG with Insulation Diameter no greater than 3.175mm MAX

190020019 Datasheet (HTML) - Molex Electronics Ltd.


190020019 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description PremiumGrade Hand Crimp Tool
for Avikrimp Female Full Insulated
Quick Disconnect Terminals, for
22-18 AWG with Insulation
Diameter no greater than 3.175mm
MAX
Comments Type RHT
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name N/A
Tool Type Hand Crimp Tool
UPC 756054591895
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 190020019

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190020019 MOLEX3-190020019 Datasheet
155Kb / 2P
Avikrimp Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Box
More results


Similar Description - 190020019

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-9800 MOLEX11-63819-9800 Datasheet
30Kb / 1P
Hand Crimp Tool for Quick Disconnect Female Terminals
0638192600 MOLEX-0638192600 Datasheet
39Kb / 1P
PremiumGrade Hand Crimp Tool for Female Terminals, 22-28 AWG
11/02/2021
0640011100 MOLEX-0640011100 Datasheet
45Kb / 2P
PremiumGrade Hand Crimp Tool for Avikrimp Female Fully Insulated Quick Disconnect Terminals, 14-16 AWG
11/02/2021
0638114200 MOLEX-0638114200 Datasheet
51Kb / 3P
PremiumGrade Hand Crimp Tool for 2.54mm MX64 Terminals, 18-22 AWG
08/25/2022
0638116000 MOLEX-0638116000 Datasheet
40Kb / 4P
PremiumGrade Hand Crimp Tool for MX150 Female Terminals, 18-22 AWG
08/26/2022
0640010200 MOLEX-0640010200 Datasheet
29Kb / 5P
PremiumGrade Hand Crimp Tool for Insulkrimp Quick Disconnect Terminals, 10-22 AWG
08/25/2022
0640010400 MOLEX-0640010400 Datasheet
46Kb / 4P
PremiumGrade Hand Crimp Tool for Insulkrimp Quick Disconnect Terminals, 10-22 AWG
08/25/2022
0640010800 MOLEX-0640010800 Datasheet
33Kb / 2P
PremiumGrade Hand Crimp Tool for Avikrimp Female Full Insulated Quick Disconnect Terminals, for 18-22 AWG with Insulation Diameter no greater than 3.175mm MAX
08/25/2022
0640014300 MOLEX-0640014300 Datasheet
33Kb / 2P
PremiumGrade Hand Crimp Tool for Avikrimp Fully Pre-Insulated and Insulated Quick Disconnect Flags, 14-22 AWG
08/25/2022
0640015200 MOLEX-0640015200 Datasheet
33Kb / 2P
PremiumGrade Hand Crimp Tool for Insulkrimp Female Fully Insulated Quick Disconnect, 24-26 AWG
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com