Electronic Components Datasheet Search
  English  ▼

X  

02081102 Datasheet (PDF) - Molex Electronics Ltd.

02081102 Datasheet PDF - Molex Electronics Ltd.
Part # 02081102
Download  02081102 Download
File Size   72.06 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for Standard .093" Pin and Socket Crimp Terminals, Claspcon Pin and Socket Crimp Terminals, and Commoning Connector Crimp Terminals, 22 AWG

02081102 Datasheet (PDF)

Go To PDF Page Download Datasheet
02081102 Datasheet PDF - Molex Electronics Ltd.

Part # 02081102
Download  02081102 Click to download

File Size   72.06 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for Standard .093" Pin and Socket Crimp Terminals, Claspcon Pin and Socket Crimp Terminals, and Commoning Connector Crimp Terminals, 22 AWG

02081102 Datasheet (HTML) - Molex Electronics Ltd.


02081102 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description Hand Crimp Tool for Standard .093"
Pin and Socket Crimp Terminals,
Claspcon Pin and Socket Crimp
Terminals, and Commoning
Connector Crimp Terminals, 22
AWG
Comments See Tooling Specification (PDF)
Above
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name Claspcon,Commoning
Connector,Standard .093"
Tool Type Hand Crimp Tool
UPC 193264415434
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 02081102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
02081102 MOLEX-02081102 Datasheet
72Kb / 3P
Hand Crimp Tool for Standard .093" Pin and Socket Crimp Terminals, Claspcon Pin and Socket Crimp Terminals, and Commoning Connector Crimp Terminals, 18 AWG
Jun 10, 2025
02081102 MOLEX-02081102 Datasheet
69Kb / 3P
Hand Crimp Tool for Standard .093" Pin and Socket Terminals, Claspcon Pin and Socket Terminals, and Commoning Terminals, 20 AWG
Jun 13, 2025
02081102 MOLEX-02081102 Datasheet
70Kb / 3P
Hand Crimp Tool for Claspcon Socket Crimp Terminals, 24 AWG
Jun 13, 2025
More results


Similar Description - 02081102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63811-7100 MOLEX-63811-7100 Datasheet
333Kb / 6P
Hand Tool for .093" Pin and Socket Crimp Terminals and Claspcon??Crimp Terminal Socket
03-28-08
63819-1100 MOLEX-63819-1100 Datasheet
554Kb / 9P
Hand Crimp Tool For .093??and .125??Pin and Socket and Commoning Crimp Terminals
08-07-12
63819-1200 MOLEX-63819-1200 Datasheet
404Kb / 9P
Hand Crimp Tool for 093??and Claspcon Pin and Socket and Commoning Crimp Terminals
01-10-08
63828-0100 MOLEX-63828-0100 Datasheet
921Kb / 8P
Hand Crimp Tool for 0.093, Claspcon Pin & Socket, and Commoning Crimp Terminals
09-21-17
63828-1100 MOLEX-63828-1100 Datasheet
1Mb / 8P
Hand Crimp Tool for .093, Claspcon Pin & Socket and Commoning Crimp Terminals
01-31-22
63828-1300 MOLEX-63828-1300 Datasheet
1Mb / 8P
Hand Crimp Tool for .093?? Claspcon Pin & Socket, and Commoning Crimp Terminals
01-31-22
ATS-638280100 MOLEX-ATS-638280100 Datasheet
921Kb / 8P
Hand Crimp Tool for 0.093, Claspcon Pin & Socket, and Commoning Crimp Terminals
09-21-17
0638281100 MOLEX-0638281100 Datasheet
28Kb / 2P
Hand Crimp Tool for Standard .093 Pin and Socket Terminals, Claspcon Pin and Socket Terminals, and Commoning Terminals, 20 AWG
08/25/2022
0638281300 MOLEX-0638281300 Datasheet
29Kb / 2P
Hand Crimp Tool for Standard .093 Pin and Socket Crimp Terminals, Claspcon Pin and Socket Crimp Terminals, and Commoning Connector Crimp Terminals, 22 AWG
08/25/2022
0638281400 MOLEX-0638281400 Datasheet
29Kb / 2P
Hand Crimp Tool for .093 Pin and Socket Crimp Terminals, 22 AWG
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com