Electronic Components Datasheet Search
  English  ▼

X  

BQ2054 Datasheet (PDF) - Texas Instruments

BQ2054 Datasheet PDF - Texas Instruments
Part # BQ2054
Download  BQ2054 Download
File Size   403.43 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Lithium Ion Fast-Charge IC

BQ2054 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ2054 Datasheet PDF - Texas Instruments

Part # BQ2054
Download  BQ2054 Click to download

File Size   403.43 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Lithium Ion Fast-Charge IC

BQ2054 Datasheet (HTML) - Texas Instruments


BQ2054 Product details

Features
➤ Safe charge of Lithium Ion battery
packs
➤ Voltage-regulated currentlimited
charging
➤ Fast charge terminated by selectable
minimum current; safety
backup termination on maximum
time
➤ Charging continuously qualified
by temperature and voltage limits
➤ Pulse-width modulation control
ideal for high-efficiency switchmode
power conversion
➤ Direct LED control outputs display
charge status and fault conditions

General Description
The bq2054 Lithium Ion Fast-
Charge IC is designed to optimize
charging of lithium ion (Li-Ion)
chemistry batteries. A flexible
pulse-width modulation regulator
allows the bq2054 to control voltage
and current during charging. The
regulator frequency is set by an external
capacitor for design flexibility.
The switch-mode design keeps
power dissipation to a minimum.
The bq2054 measures battery temperature
using an external thermistor
for charge qualification. Charging
begins when power is applied or on
battery insertion.
For safety, the bq2054 inhibits
charging until the battery voltage
and temperature are within configured
limits. If the battery voltage
is less than the low-voltage threshold,
the bq2054 provides low-current
conditioning of the battery.
A constant current-charging phase replenishes
up to 70% of the charge capacity,
and a voltage-regulated phase
returns the battery to full. The charge
cycle terminates when the charging
current falls below a user-selectable
current limit. For safety, charging terminates
after maximum time and is
suspended if the temperature is outside
the preconfigured limits.
The bq2054 provides status indications
of all charger states and faults
for accurate determination of the
battery and charge system conditions.




Similar Part No. - BQ2054

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
Lithium Ion Fast-Charge IC
BQ2054 TI1-BQ2054 Datasheet
356Kb / 19P
Lithium Ion Fast-Charge IC
BQ2054PN TI-BQ2054PN Datasheet
150Kb / 16P
Lithium Ion Fast-Charge IC
BQ2054PN TI1-BQ2054PN Datasheet
356Kb / 19P
Lithium Ion Fast-Charge IC
BQ2054PNE4 TI1-BQ2054PNE4 Datasheet
356Kb / 19P
Lithium Ion Fast-Charge IC
More results


Similar Description - BQ2054

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
Lithium Ion Fast-Charge IC
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
Lithium-Ion Battery Charge Control IC
logo
Asahi Kasei Microsystem...
AP4305 AKM-AP4305 Datasheet
897Kb / 32P
USB Lithium-Ion Battery Charge Control IC
logo
Texas Instruments
BQ2054 TI1-BQ2054_09 Datasheet
356Kb / 19P
Lithium Ion Fast-Charge IC
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
Lithium Ion Charge Management IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
Lithium-Ion Battery Charge Control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
Lithium-Ion Battery Charge Control IC
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
Lithium-ion battery charge control IC
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
Lithium-ion battery charge control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
Lithium-ion battery charge control IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com