Electronic Components Datasheet Search
  English  ▼

X  

MAX77371 Datasheet (PDF) - Analog Devices

MAX77371 Datasheet PDF - Analog Devices
Part # MAX77371
Download  MAX77371 Download
File Size   1210.33 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5A Boost Converter with I2C Interface, Dynamic Voltage Scaling, and Short Circuit Protection

MAX77371 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX77371 Datasheet PDF - Analog Devices

Part # MAX77371
Download  MAX77371 Click to download

File Size   1210.33 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5A Boost Converter with I2C Interface, Dynamic Voltage Scaling, and Short Circuit Protection

MAX77371 Datasheet (HTML) - Analog Devices


MAX77371 Product details

Features
•2.5V to 5.5V Input Voltage Range
•4.5V to 10.0V Output Voltage Range
•Up to 5.0A Cycle-by-Cycle Inductor Current Limit
•95% Peak Efficiency
•I2C Serial Interface Enabling:
•Dynamic Voltage Scaling (DVS)
•Mode Configuration
•Current Limit Adjustment
•Ultrasonic Mode (USM with fSW > 25kHz) to Alleviate Acoustic Audible Interference for Light Load Operation
•2MHz Switching Frequency
•Forced PWM (FPWM) Operation
•True Shutdown Mode
•Output Disconnects from Input with no Forward or Reverse Current
•Output Short Circuit Protection
•Overcurrent Protection
•Overvoltage Protection
•Thermal Shutdown Protection
•Package:
•1.89mm x 1.46mm, 0.35mm Pitch 20-Bump WLP
•-40C to +125C Operating Temperature Range

Applications
•AR/VR Laser Driver Bias
•Wireless Charging Circuit Bias




Similar Part No. - MAX77371

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX773 MAXIM-MAX773 Datasheet
204Kb / 20P
5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX77301 MAXIM-MAX77301 Datasheet
638Kb / 1P
JEITA-Compliant, Li Charger with Smart Power Selector, Automatic Detection
Rev 0; 1/13
MAX77301 MAXIM-MAX77301 Datasheet
1Mb / 67P
JEITA-Compliant, Li Charger with Smart Power Selector, Automatic Detection, and USB Enumeration
2021
MAX77301A MAXIM-MAX77301A Datasheet
1Mb / 67P
JEITA-Compliant, Li Charger with Smart Power Selector, Automatic Detection, and USB Enumeration
2021
MAX77301AEWA+T MAXIM-MAX77301AEWA+T Datasheet
1Mb / 67P
JEITA-Compliant, Li Charger with Smart Power Selector, Automatic Detection, and USB Enumeration
2021
More results


Similar Description - MAX77371

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3370 NSC-LM3370_08 Datasheet
5Mb / 26P
Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Micrel Semiconductor
MIC23156 MICREL-MIC23156 Datasheet
1Mb / 22P
1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
logo
STMicroelectronics
STEVAL-CBL012V1 STMICROELECTRONICS-STEVAL-CBL012V1 Datasheet
190Kb / 4P
LNB short-circuit dynamic protection
January 2014 Rev 1
STEVAL-CBL016V1 STMICROELECTRONICS-STEVAL-CBL016V1 Datasheet
173Kb / 4P
LNB short-circuit dynamic protection
27-Jan-2014
logo
Texas Instruments
TPS63810 TI1-TPS63810 Datasheet
1Mb / 41P
TPS63810 2.5-A Buck-Boost Converter with I2C Interface
TPS63810 TI1-TPS63810_V01 Datasheet
1Mb / 41P
TPS63810 2.5-A Buck-Boost Converter with I2C Interface
logo
Microchip Technology
MIC23156 MICROCHIP-MIC23156 Datasheet
651Kb / 32P
1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
10/25/17
logo
Maxim Integrated Produc...
MAX17227A MAXIM-MAX17227A_V01 Datasheet
618Kb / 22P
400mV to 5.5V Input, 2A nanoPower Boost Converter with Short-Circuit Protection and True Shutdown
Rev 2, 7/21
logo
Analog Devices
MAX18000 AD-MAX18000 Datasheet
1Mb / 17P
500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
Rev 0; 2/23
MAX18002 AD-MAX18002 Datasheet
1Mb / 17P
500mV to 5.5V Input, Ultrasonic Boost Converter with Short-Circuit Protection and True Shutdown
Rev 0; 1/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com