Electronic Components Datasheet Search
  English  ▼

X  

MAX26404 Datasheet (PDF) - Analog Devices

MAX26404 Datasheet PDF - Analog Devices
Part # MAX26404_V01
Download  MAX26404 Download
File Size   1413.76 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36V, 4A/5A/6A, Fully Integrated Synchronous Silent Switcher Buck

MAX26404 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX26404 Datasheet PDF - Analog Devices

Part # MAX26404_V01
Download  MAX26404 Click to download

File Size   1413.76 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36V, 4A/5A/6A, Fully Integrated Synchronous Silent Switcher Buck

MAX26404 Datasheet (HTML) - Analog Devices


MAX26404 Product details

Features
•Silent Switcher Converter
•Enables Compact, Efficient, Low-EMI Solution
•Spread-Spectrum Frequency Modulation
•Symmetrical Package Offers Superior EMIPerformance
•Multiple Functions for Small Size
•Operating VIN Range of 3V to 36V
•10μA Quiescent Current in Skip Mode
•Synchronous DC-DC Converter with IntegratedFETs
•400kHz and 2.1MHz Fixed-Frequency Options
•Fixed 2.5ms Internal Soft-Start
•Programmable 0.8V to 10V Output, or Fixed-Output Voltages of 3.3V and 5.0V
•Other Fixed-Output Options Available between2.9V to 6V in 100mV Steps
•3.5mm x 3.75mm, 17-Pin FC2QFN
•Dual-Phase Capability
•Can Be Used in Dual-Phase Configuration forHigh-Power Design
•Dynamic Current Sharing through Shared VEAPin
•Low-IQ Operation Capability in Dual Phase
•High Precision
•±1% Output-Voltage Accuracy in FPWM Mode atNo Load
•Precise Output Voltage Monitoring with PGOOD
•MAXQ Power Architecture
•Robust for the Environment
•Forced-PWM and Skip-Mode Operation
•99% Duty-Cycle Operation with Low Dropout
•Overtemperature and Short-Circuit Protection
•-40°C to +125°C Operating Temperature Range

Applications
•Point-of-Load Power Supplies
•12V/24V Industrial Applications
•Telecom, Servers, and Networking Equipment




Similar Part No. - MAX26404_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX26404AFOAY+ AD-MAX26404AFOAY+ Datasheet
2Mb / 22P
36V, 4A/5A/6A, Fully-Integrated Synchronous Silent Switcher Buck
Rev 0; 6/24
MAX26404AFOBY+ AD-MAX26404AFOBY+ Datasheet
2Mb / 22P
36V, 4A/5A/6A, Fully-Integrated Synchronous Silent Switcher Buck
Rev 0; 6/24
MAX26404AFOCY+ AD-MAX26404AFOCY+ Datasheet
2Mb / 22P
36V, 4A/5A/6A, Fully-Integrated Synchronous Silent Switcher Buck
Rev 0; 6/24
MAX26404AFODY+ AD-MAX26404AFODY+ Datasheet
2Mb / 22P
36V, 4A/5A/6A, Fully-Integrated Synchronous Silent Switcher Buck
Rev 0; 6/24
More results


Similar Description - MAX26404_V01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614 Datasheet
252Kb / 6P
42V, 4A Micropower Synchronous Step-Down Silent Switcher
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LT8650S-1 AD-LT8650S-1 Datasheet
1Mb / 32P
Dual Channel 4A, 42V, Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LT3935 AD-LT3935 Datasheet
1Mb / 22P
36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
LT8350 AD-LT8350 Datasheet
1Mb / 24P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
EVAL-LT8350-AZ AD-EVAL-LT8350-AZ Datasheet
1Mb / 10P
40VIN, 18VOUT, 6A Synchronous Buck‑Boost Silent Switcher®
Rev. 0
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
MAX42405 AD-MAX42405 Datasheet
1Mb / 18P
36V, 5A/6A Fully Integrated Synchronous Buck Converters
19-101745; Rev 0; 11/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com