Electronic Components Datasheet Search
  English  ▼

X  

ADS7841ES Datasheet (PDF) - Texas Instruments

ADS7841ES Datasheet PDF - Texas Instruments
Part # ADS7841ES
Download  ADS7841ES Download
File Size   428.26 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER

ADS7841ES Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7841ES Datasheet PDF - Texas Instruments

Part # ADS7841ES
Download  ADS7841ES Click to download

File Size   428.26 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER

ADS7841ES Datasheet (HTML) - Texas Instruments


ADS7841ES Product details

FEATURES
SINGLE SUPPLY: 2.7V to 5V
4-CHANNEL SINGLE-ENDED OR
2-CHANNEL DIFFERENTIAL INPUT
UP TO 200kHz CONVERSION RATE
±1LSB MAX INL AND DNL
NO MISSING CODES
72dB SINAD
SERIAL INTERFACE
DIP-16 OR SSOP-16 PACKAGE
ALTERNATE SOURCE FOR MAX1247
ADS7841ES: +125°C Version

APPLICATIONS
DATA ACQUISITION
TEST AND MEASUREMENT
INDUSTRIAL PROCESS CONTROL
PERSONAL DIGITAL ASSISTANTS
BATTERY-POWERED SYSTEMS

DESCRIPTION
The ADS7841 is a 4-channel, 12-bit sampling Analog-to-
Digital Converter (ADC) with a synchronous serial interface.
The resolution is programmable to either 8 bits or 12
bits. Typical power dissipation is 2mW at a 200kHz throughput
rate and a +5V supply. The reference voltage (VREF) can
be varied between 100mV and VCC, providing a corresponding
input voltage range of 0V to VREF. The device includes
a shutdown mode which reduces power dissipation to under
15μW. The ADS7841 is tested down to 2.7V operation.
Low power, high speed, and on-board multiplexer make the
ADS7841 ideal for battery-operated systems such as personal
digital assistants, portable multi-channel data loggers,
and measurement equipment. The serial interface also provides
low-cost isolation for remote data acquisition. The
ADS7841 is available in a DIP-16 or a SSOP-16 package
and is specified over the –40°C to +125°C(1) temperature
range.




Similar Part No. - ADS7841ES

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7841ES TI-ADS7841ES Datasheet
476Kb / 19P
12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841ES TI1-ADS7841ES Datasheet
492Kb / 20P
12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841ES/2K5 TI1-ADS7841ES/2K5 Datasheet
492Kb / 20P
12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841ES/2K5G4 TI1-ADS7841ES/2K5G4 Datasheet
492Kb / 20P
12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841ES2K5 TI-ADS7841ES2K5 Datasheet
476Kb / 19P
12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS7841ES

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7841 BURR-BROWN-ADS7841 Datasheet
277Kb / 14P
12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 BURR-BROWN-ADS7844 Datasheet
204Kb / 14P
12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841-Q1 TI1-ADS7841-Q1 Datasheet
674Kb / 24P
12-BIT 4-CHANNEL SERIAL-OUTPUT SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7841EG4 TI-ADS7841EG4 Datasheet
476Kb / 19P
12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8341 TI1-ADS8341_14 Datasheet
1Mb / 25P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841 TI1-ADS7841_14 Datasheet
492Kb / 20P
12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_15 Datasheet
1Mb / 24P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com