Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHF Datasheet (PDF) - Renesas Technology Corp

ISL73006SLHF Datasheet PDF - Renesas Technology Corp
Part # ISL73006SLHF
Download  ISL73006SLHF Download
File Size   1004.3 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 18V, 1A Point-of-Load Regulator

ISL73006SLHF Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL73006SLHF Datasheet PDF - Renesas Technology Corp

Part # ISL73006SLHF
Download  ISL73006SLHF Click to download

File Size   1004.3 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 18V, 1A Point-of-Load Regulator

ISL73006SLHF Datasheet (HTML) - Renesas Technology Corp


ISL73006SLHF Product details

Features
▪ Qualified to Renesas Rad Hard QML-V Equivalent
Screening and QCI Flow (R34TB0001EU)
• All screening and QCI is in accordance with
MIL-PRF-38535 Class-V
▪ Input Bias Voltage
• 3V to 18V
▪ Internal or external loop compensation
▪ 1% reference voltage over-temperature and
radiation
▪ Positive and negative overcurrent,
over/undervoltage, and over-temperature
protections
▪ High 500kHz efficiency ~95% from 0.4A to 1A
▪ Adjustable slope compensation
▪ TID Rad Hard Assurance (RHA) wafer-by-wafer
testing
• LDR (0.01rad(Si)/s): 75krad(Si)
▪ SEE Characterization
• No DSEE for VIN = 16.5 and 86MeV•cm2/mg
• SEFI <10μm2 at 86MeV•cm2/mg
• SET <2.5% on VOUT at 86MeV•cm2/mg




Similar Part No. - ISL73006SLHF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL73002SEHF RENESAS-ISL73002SEHF Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL73002SEHFE RENESAS-ISL73002SEHFE Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL73002SEHVF RENESAS-ISL73002SEHVF Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL73002SEHVFE RENESAS-ISL73002SEHVFE Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL73002SEHVX RENESAS-ISL73002SEHVX Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
More results


Similar Description - ISL73006SLHF

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPOL5A-12-SIP CUI-VPOL5A-12-SIP Datasheet
248Kb / 12P
point of load converter
VPOL10A-12W-SIP CUI-VPOL10A-12W-SIP Datasheet
562Kb / 13P
point of load converter
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
VID Voltage Programmer for Point of Load Regulator
logo
Peregrine Semiconductor
PE99151 PSEMI-PE99151 Datasheet
440Kb / 15P
Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99153 PSEMI-PE99153 Datasheet
441Kb / 15P
Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99155 PSEMI-PE99155 Datasheet
459Kb / 15P
Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99151 PSEMI-PE99151_14 Datasheet
465Kb / 15P
Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
logo
Renesas Technology Corp
ISL70005SEH RENESAS-ISL70005SEH Datasheet
1Mb / 46P
Radiation Hardened Dual Output Point-of-Load, Integrated Synchronous Buck and Low Dropout Regulator
Jul 28, 2022
ISL70061SEH RENESAS-ISL70061SEH Datasheet
725Kb / 23P
Radiation Hardened 10A PMOS Load Switch
Dec.11.19
ISL70062SEH RENESAS-ISL70062SEH Datasheet
893Kb / 26P
Radiation Hardened 10A NMOS Load Switch
Feb.7.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com