Electronic Components Datasheet Search
  English  ▼

X  

LTC7065 Datasheet (PDF) - Analog Devices

LTC7065 Datasheet PDF - Analog Devices
Part # LTC7065
Download  LTC7065 Download
File Size   841.17 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 150V Half Bridge Driver with Adaptive Shoot-Through Protection

LTC7065 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC7065 Datasheet PDF - Analog Devices

Part # LTC7065
Download  LTC7065 Click to download

File Size   841.17 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 150V Half Bridge Driver with Adaptive Shoot-Through Protection

LTC7065 Datasheet (HTML) - Analog Devices


LTC7065 Product details

FEATURES
150V Maximum Input Voltage Independent of IC Supply Voltage VCC
6V to 14V VCC and Bottom Gate Driver Voltage
4V to 14V Top Gate Driver Voltage
1.3Ω Pull-Down, 1.6Ω Pull-Up
Adaptive Shoot-Through Protection
Three-State PWM Input with Enable Pin
VCC UVLO and Floating Supply UVLO
Drives Dual N-Channel MOSFETs
Available in Thermally Enhanced 10-LEAD MiniSmall Outline Package (MSOP)

APPLICATIONS
Industrial Power Systems
Half-bridge DC/DC Converters
Telecommunication Power Systems




Similar Part No. - LTC7065

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC7060 AD-LTC7060 Datasheet
2Mb / 18P
100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
04/20-REV.A
LTC7060 AD-LTC7060 Datasheet
1Mb / 48P
Six-Phase, Synchronous Bidirectional Buck or Boost Controller
LTC7060 AD-LTC7060 Datasheet
2Mb / 48P
Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
LTC7060 AD-LTC7060 Datasheet
617Kb / 14P
150V Dual High-Side MOSFET Gate Driver
LTC7060 AD-LTC7060 Datasheet
686Kb / 19P
100V Half-Bridge GaN Driver with Smart Integrated Bootstrap Switch
Rev 0
More results


Similar Description - LTC7065

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5104 NSC-LM5104 Datasheet
375Kb / 12P
High Voltage Half-Bridge Gate Driver with Adaptive Delay
logo
Micrel Semiconductor
MIC4102 MICREL-MIC4102 Datasheet
645Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G_07 Datasheet
300Kb / 15P
H-Bridge Driver IC Adjustable dead time with shoot through protection
Rev 2.3 2007-01-11
logo
MIC GROUP RECTIFIERS
MIC4102 MIC-MIC4102_11 Datasheet
646Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection PRELIMINARY SPECIFICATIONS
logo
Microchip Technology
MIC4607 MICROCHIP-MIC4607 Datasheet
1Mb / 42P
85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
06/23/16
MIC4102 MICROCHIP-MIC4102 Datasheet
703Kb / 28P
100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
07/14/15
logo
Infineon Technologies A...
IRS2890DS INFINEON-IRS2890DS Datasheet
718Kb / 26P
Half-Bridge Driver with Overcurrent Protection
Rev 1.0 2017-03-02
logo
Microchip Technology
MIC4102 MICROCHIP-MIC4102_V01 Datasheet
2Mb / 28P
100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
Revision B (May 2022)
MIC4605 MICROCHIP-MIC4605 Datasheet
1Mb / 34P
85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
Revision E December 2019
MIC4606 MICROCHIP-MIC4606 Datasheet
2Mb / 40P
85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
Revision D December 2019
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com