Electronic Components Datasheet Search
  English  ▼

X  

LT8625SP Datasheet (PDF) - Analog Devices

LT8625SP Datasheet PDF - Analog Devices
Part # LT8625SP
Download  LT8625SP Download
File Size   5201.21 Kbytes
Page   39 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18V/8A Step-Down Silent Switcher 3 with Ultralow Noise Reference

LT8625SP Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8625SP Datasheet PDF - Analog Devices

Part # LT8625SP
Download  LT8625SP Click to download

File Size   5201.21 Kbytes
Page   39 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18V/8A Step-Down Silent Switcher 3 with Ultralow Noise Reference

LT8625SP Datasheet (HTML) - Analog Devices


LT8625SP Product details

FEATURES
n Silent Switcher®3 Architecture
n Ultralow RMS Noise (10Hz to 100kHz): 4μVRMS
n Ultralow Spot Noise: 4nV/√Hz at 10kHz
n Ultralow EMI Emissions on Any PCB
n Internal Bypass Capacitors Reduce Radiated EMI
n High Efficiency at High Frequency
n Ultrafast Transient Response: 1μs
n Fast Minimum Switch On-Time: 15ns
n Input Voltage Range: 2.7V to 18V
n Output Voltage Range: 0V to (PVIN - 0.5V)
n 8A Maximum Continuous Output Current
n Precision Reference: ± 0.8% Over Temperature
with Remote Sense
n Supports Dynamic Output Voltage Control
n PolyPhase® Operation: Up to 12 Phases
n Forced Continuous Mode Capability
n Adjustable and Synchronizable: 300kHz to 4MHz
n Programmable Power Good
n Small 20-Lead 4mm × 3mm (LT8625SP) or 24-Lead
4mm × 4mm (LT8625SP-1) LQFN Exposed Back
Package for Optional Heat Sink Mount

APPLICATIONS
n RF Power Suppliers: PLLs, VCOs, Mixers, LNAs, PAs
n High Speed/High Precision ADCs/DACs
n Low Noise Instrumentation




Similar Part No. - LT8625SP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8625SP AD-LT8625SP Datasheet
204Kb / 2P
18V, 2A/4A Step-Down Silent Switcher 3 with Ultralow Noise Reference
Rev. Sp0
LT8625SP AD-LT8625SP Datasheet
1Mb / 45P
18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
Rev. A
LT8625SP AD-LT8625SP Datasheet
1Mb / 44P
18V, 3A/5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
Rev. B
LT8625SP AD-LT8625SP Datasheet
1Mb / 44P
42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
Rev. 0
LT8625SP-1 AD-LT8625SP-1 Datasheet
1Mb / 45P
18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
Rev. A
More results


Similar Description - LT8625SP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LT8642S LINER-LT8642S Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher 2
LT8645S LINER-LT8645S Datasheet
453Kb / 30P
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5關A Quiescent Current
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LT8642-1 AD-LT8642-1 Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
LT8640A AD-LT8640A Datasheet
1Mb / 28P
42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
Rev. 0
LT8622S AD-LT8622S Datasheet
204Kb / 2P
18V, 2A/4A Step-Down Silent Switcher 3 with Ultralow Noise Reference
Rev. Sp0
LT8645S-2 AD-LT8645S-2 Datasheet
3Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev. A
LT8645S AD-LT8645S_V01 Datasheet
2Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com