Electronic Components Datasheet Search
  English  ▼

X  

LT7170 Datasheet (PDF) - Analog Devices

LT7170 Datasheet PDF - Analog Devices
Part # LT7170
Download  LT7170 Download
File Size   1962.11 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 A, 16 V, Single- or Dual-Phase, Silent Switcher Step-Down Regulators with Digital Power System Management

LT7170 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT7170 Datasheet PDF - Analog Devices

Part # LT7170
Download  LT7170 Click to download

File Size   1962.11 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 A, 16 V, Single- or Dual-Phase, Silent Switcher Step-Down Regulators with Digital Power System Management

LT7170 Datasheet (HTML) - Analog Devices


LT7170 Product details

FEATURES
► Silent Switcher® architecture: enables a compact, efficient, low
EMI solution
► PMBus/I2C serial interface
► Telemetry read back includes VOUT, IOUT, VIN, die temperature,
and faults
► Programmable voltage, current limit, sequencing, soft start
and stop, undervoltage and overvoltage, phase, frequency (up
to 4 MHz), and loop compensation
► Integrated three times programmable NVM
► Key parameters selectable by resistor
► VOUT set point range: 0.4 V to 5.5 V
► VOUT accuracy: ±0.25%, 0.6 V ≤ VOUT ≤ 1.375 V
► Differential remote VOUT sense
► Fast transient response
► Wide VIN supply range: down to 2.9 V or 1.5 V with EXTVCC
► Programmable and synchronizable: 400 kHz to 4 MHz
► 24-lead (3.5 mm × 4 mm) LQFN package

APPLICATIONS
► Communications, storage, and industrial systems
► Data center and solid state drives




Similar Part No. - LT7170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT7170 AD-LT7170 Datasheet
2Mb / 36P
20 A, 16 V, Single- or Dual-Phase, Silent Switcher Step-Down Regulators with Digital Power System Management
Rev. 0
LT7170-1 AD-LT7170-1 Datasheet
2Mb / 36P
20 A, 16 V, Single- or Dual-Phase, Silent Switcher Step-Down Regulators with Digital Power System Management
Rev. 0
LT7170RV-1TRPBF AD-LT7170RV-1TRPBF Datasheet
2Mb / 36P
20 A, 16 V, Single- or Dual-Phase, Silent Switcher Step-Down Regulators with Digital Power System Management
Rev. 0
LT7170RVTRPBF AD-LT7170RVTRPBF Datasheet
2Mb / 36P
20 A, 16 V, Single- or Dual-Phase, Silent Switcher Step-Down Regulators with Digital Power System Management
Rev. 0
More results


Similar Description - LT7170

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3883 LINER-LTC3883 Datasheet
1Mb / 112P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3883 LINER-LTC3883_15 Datasheet
1Mb / 112P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3883-1 LINER-LTC3883-1_15 Datasheet
1Mb / 112P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3886 LINER-LTC3886_15 Datasheet
2Mb / 116P
60V Dual Output Step-Down Controller with Digital Power System Management
LTC3883EUH LINER-LTC3883EUH Datasheet
1Mb / 16P
Single-Phase, Step-Down DC/DC Controller with Digital Power Management
logo
Analog Devices
LTC3886 AD-LTC3886 Datasheet
2Mb / 122P
60V Dual Output Step-Down Controller with Digital Power System Management
9/18-REV.F
LTC3883 AD-LTC3883 Datasheet
1Mb / 116P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
09/19-REV.F
LTC3888-1 AD-LTC3888-1 Datasheet
2Mb / 110P
Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
LT7182S AD-LT7182S Datasheet
1Mb / 38P
Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
LTC3888 AD-LTC3888 Datasheet
3Mb / 118P
Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com