Electronic Components Datasheet Search
  English  ▼

X  

MMSZ5263BH Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

MMSZ5263BH Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # MMSZ5263BH
Download  MMSZ5263BH Download
File Size   377.56 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 500mW, 2.4V - 75V Surface Mount Zener Diode

MMSZ5263BH Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSZ5263BH Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # MMSZ5263BH
Download  MMSZ5263BH Click to download

File Size   377.56 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 500mW, 2.4V - 75V Surface Mount Zener Diode

MMSZ5263BH Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


MMSZ5263BH Product details

FEATURES
AEC-Q101 qualified
Zener voltage range selection: 2.4V to 75V
VZ tolerance selection of ± 5%
Ideally suited for automated assembly processes
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free

APPLICATIONS
General regulation functions




Similar Part No. - MMSZ5263BH

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMSZ5263B DIOTEC-MMSZ5263B Datasheet
54Kb / 2P
Surface mount Zener Diodes
logo
Weitron Technology
MMSZ5263B WEITRON-MMSZ5263B Datasheet
244Kb / 5P
Surface Mount Zener Diodes
logo
Diotec Semiconductor
MMSZ5263B DIOTEC-MMSZ5263B Datasheet
98Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
TAITRON Components Inco...
MMSZ5263B TAITRON-MMSZ5263B Datasheet
203Kb / 6P
500mW Two Terminals SMD Zener Diodes
logo
Guangdong Kexin Industr...
MMSZ5263B KEXIN-MMSZ5263B Datasheet
47Kb / 2P
Surface Mount Zener Diodes
More results


Similar Description - MMSZ5263BH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
logo
Won-Top Electronics
MMSZ5221B WTE-MMSZ5221B Datasheet
75Kb / 4P
500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS31652 Rev. 4 - 2
ZMM5245B-7 DIODES-ZMM5245B-7 Datasheet
82Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
Rev 13.2.2003
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
Rev 27
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
logo
E-CMOS Corporation
ECCZD5Z2V4 E-CMOS-ECCZD5Z2V4 Datasheet
316Kb / 6P
150mW Surface Mount Zener Diodes-2.4V-75V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com