Electronic Components Datasheet Search
  English  ▼

X  

BAV99WH Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BAV99WH Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BAV99WH
Download  BAV99WH Download
File Size   476.88 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 150mA, 100V Dual High Speed Switching Diode

BAV99WH Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV99WH Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BAV99WH
Download  BAV99WH Click to download

File Size   476.88 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 150mA, 100V Dual High Speed Switching Diode

BAV99WH Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


BAV99WH Product details

FEATURES
AEC-Q101 qualified
Fast switching speed
Ideal for automated placement
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free

APPLICATIONS
High-speed switching
General-purpose switching




Similar Part No. - BAV99WH

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99W PANJIT-BAV99W Datasheet
111Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99W PHILIPS-BAV99W Datasheet
58Kb / 12P
High-speed double diode
1999 May 11
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV99W WTE-BAV99W Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Siemens Semiconductor G...
BAV99W SIEMENS-BAV99W Datasheet
71Kb / 4P
Silicon Switching Diode Array (Connected in series For high speed switching applications)
More results


Similar Description - BAV99WH

ManufacturerPart #DatasheetDescription
logo
Formosa MS
MCL4148 FORMOSA-MCL4148_10 Datasheet
102Kb / 7P
150mA Surface Mount Switching Diode- 100V
MCL4448 FORMOSA-MCL4448_09 Datasheet
98Kb / 7P
150mA Surface Mount Switching Diode- 100V
logo
WILLAS ELECTRONIC CORP
1N4148M WILLAS-1N4148M Datasheet
313Kb / 2P
150mA SMALL SIGNAL SWITCHING DIODE - 100V
MMBD4448 WILLAS-MMBD4448 Datasheet
384Kb / 2P
150mA Surface Mount Switching Diode-100V
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300_15 Datasheet
167Kb / 11P
Dual high-speed switching diode
Rev. 5-5 March 2012
1PS301 PHILIPS-1PS301_15 Datasheet
236Kb / 11P
Dual high-speed switching diode
Rev. 5-6 March 2012
1PS302 PHILIPS-1PS302_15 Datasheet
212Kb / 11P
Dual high-speed switching diode
Rev. 6-23 July 2012
logo
WILLAS ELECTRONIC CORP
MMDL914T1 WILLAS-MMDL914T1 Datasheet
690Kb / 5P
200mA Speed Switching Diode-100V
logo
ON Semiconductor
MMSD914 ONSEMI-MMSD914 Datasheet
158Kb / 5P
Switching Diode, High Speed, 100V
November, 2012 - Rev. 11
logo
Nexperia B.V. All right...
1PS300 NEXPERIA-1PS300 Datasheet
749Kb / 11P
Dual high-speed switching diode
Rev. 5 - 5 March 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com