Electronic Components Datasheet Search
  English  ▼

X  

QPF4207 Datasheet (PDF) - Qorvo, Inc

QPF4207 Datasheet PDF - Qorvo, Inc
Part # QPF4207
Download  QPF4207 Download
File Size   179.47 Kbytes
Page   2 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Wi-Fi 7 Front End Module

QPF4207 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPF4207 Datasheet PDF - Qorvo, Inc

Part # QPF4207
Download  QPF4207 Click to download

File Size   179.47 Kbytes
Page   2 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Wi-Fi 7 Front End Module

QPF4207 Datasheet (HTML) - Qorvo, Inc


QPF4207 Product details

Product Overview
The Qorvo® QPF4207 is an integrated front end module (FEM)
designed for Wi-Fi 7 (802.11be) systems. The small form factor
and integrated matching minimizes layout area in the
application.
Performance is focused on optimizing the PA for a 5V supply
voltage that minimizes power consumption to allow for systems
that use digital pre-distortion to achieve the highest linear output
power and leading edge throughput for the RF chain.
A coupler with RF output is integrated for DPD feedback training.
Options for alternate routing of the feedback are included with
low loss. For power control a broadrange, constant slope
voltage logarithmic power detector is provided for power control.
The module includes a state to turn on and off, which could
reduce bill of material or give an option to reduce current draw.
The QPF4207 integrates a 2.4 GHz power amplifier (PA), single
pole two throw switch (SP2T), coupler structure and bypassable
multimode low noise amplifier (LNA) into a single device.

Key Features
• 2412 – 2484 MHz
• PSAT = +32 dBm
• Corrected DEVM1
o POUT = +22 dBm MCS13 HE20 -43dB Dynamic EVM
o POUT = +23 dBm MCS11 HE20 -38dB Dynamic EVM
o POUT = +24 dBm MCS8 VHT20 -35dB Dynamic EVM
o POUT = +26 dBm MCS7 HT20 -30dB Dynamic EVM
o POUT = +27 dBm MCS0 HT20 Spectral Mask
Compliance2
• Optimized for +5 V Operation
• DC Power = 1.75 W at +27dBm
• 32 dB Tx Gain
• 1.7 dB Noise Figure
• 15.5/3.5 dB Rx Gain & 7 dB Bypass Loss
• >17 dB 5-7 GHz Rejection on Rx Path
• Integrated RF Coupler & DC Logarithmic Power Detector

Applications
• Access Points
• Wireless Routers
• Residential Gateways
• Customer Premise Equipment
• Internet of Things




Similar Part No. - QPF4207

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPF4200 QORVO-QPF4200 Datasheet
150Kb / 2P
Wi-Fi Front End Module
QPF4200EVB-01 QORVO-QPF4200EVB-01 Datasheet
150Kb / 2P
Wi-Fi Front End Module
QPF4200SB QORVO-QPF4200SB Datasheet
150Kb / 2P
Wi-Fi Front End Module
QPF4200SQ QORVO-QPF4200SQ Datasheet
150Kb / 2P
Wi-Fi Front End Module
QPF4200SR QORVO-QPF4200SR Datasheet
150Kb / 2P
Wi-Fi Front End Module
More results


Similar Description - QPF4207

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFFM4252 TRIQUINT-RFFM4252 Datasheet
552Kb / 7P
Wi-Fi Front End Module
logo
Qorvo, Inc
QPF4550 QORVO-QPF4550 Datasheet
149Kb / 2P
Wi-Fi Front End Module
QPF4538 QORVO-QPF4538 Datasheet
147Kb / 2P
Wi-Fi Front End Module
QPF4506 QORVO-QPF4506 Datasheet
303Kb / 2P
Wi-Fi Front End Module
QPF4219 QORVO-QPF4219 Datasheet
165Kb / 2P
Wi-Fi Front End Module
QPF4216 QORVO-QPF4216 Datasheet
168Kb / 2P
Wi-Fi Front End Module
QPF4206B QORVO-QPF4206B Datasheet
179Kb / 2P
Wi-Fi Front End Module
RFFM8227P QORVO-RFFM8227P Datasheet
142Kb / 2P
Wi-Fi Front End Module
RFFM4558A QORVO-RFFM4558A Datasheet
151Kb / 2P
Wi-Fi Front End Module
RFFM4252 QORVO-RFFM4252 Datasheet
147Kb / 2P
Wi-Fi Front End Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com